Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUJ403A127 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BUJ403A127
Descripción Electrónicos  Silicon Diffused Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ403A127 Datasheet(HTML) 4 Page - NXP Semiconductors

  BUJ403A127 Datasheet HTML 1Page - NXP Semiconductors BUJ403A127 Datasheet HTML 2Page - NXP Semiconductors BUJ403A127 Datasheet HTML 3Page - NXP Semiconductors BUJ403A127 Datasheet HTML 4Page - NXP Semiconductors BUJ403A127 Datasheet HTML 5Page - NXP Semiconductors BUJ403A127 Datasheet HTML 6Page - NXP Semiconductors BUJ403A127 Datasheet HTML 7Page - NXP Semiconductors BUJ403A127 Datasheet HTML 8Page - NXP Semiconductors BUJ403A127 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NXP Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ403A
Fig.1. Test circuit for V
CEOsust.
Fig.2. Oscilloscope display for V
CEOsust.
Fig.3. Test circuit resistive load. V
IM = -6 to +8 V
V
CC = 250 V; tp = 20 µs; δ = tp / T = 0.01.
R
B and RL calculated from ICon and IBon requirements.
Fig.4. Switching times waveforms with resistive load.
Fig.5. Test circuit inductive load.
V
CC = 300 V; -VBE = 5 V; LC = 200 uH; LB = 1 uH
Fig.6. Switching times waveforms with inductive load.
+ 50v
100-200R
Horizontal
Vertical
Oscilloscope
1R
6V
30-60 Hz
300R
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
IBon
-IBoff
ICon
tr
30ns
VCE / V
min
VCEOsust
IC / mA
100
200
250
0
LB
IBon
-VBB
LC
T.U.T.
VCC
tp
T
VCC
R
R
T.U.T.
0
VIM
B
L
IC
IB
ICon
IBon
-IBoff
t
t
ts
tf
toff
10 %
90 %
December 1998
3
Rev 1.200


Número de pieza similar - BUJ403A127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUJ403A PHILIPS-BUJ403A Datasheet
66Kb / 7P
   Silicon Diffused Power Transistor
December 1998 Rev 1.200
logo
Inchange Semiconductor ...
BUJ403A ISC-BUJ403A Datasheet
139Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BUJ403A SAVANTIC-BUJ403A Datasheet
100Kb / 3P
   Silicon NPN Power Transistors
BUJ403A SAVANTIC-BUJ403A Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
WeEn Semiconductors
BUJ403A WEEN-BUJ403A Datasheet
337Kb / 9P
   Silicon Diffused Power Transistor
More results

Descripción similar - BUJ403A127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com