Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL1270F160GYRBT Datasheet(PDF) 2 Page - E-SWITCH

No. de pieza TL1270F160GYRBT
Descripción Electrónicos  LED Illumination, Tape & Reel packaging, Right angle design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-SWITCH [E-SWITCH]
Página de inicio  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1270F160GYRBT Datasheet(HTML) 2 Page - E-SWITCH

  TL1270F160GYRBT Datasheet HTML 1Page - E-SWITCH TL1270F160GYRBT Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-switch.com
800.867.2717
3
tl1270 SerieS tact Switch
Body dimensions
PCB Layout
sChematiCs
LEDSpecifications
ForwardCurrent
ForwardVoltage
LuminousIntensity
Blue
20mA
3.0V Typ - 3.6V Max
80 mcd Typ
Red
20mA
3.0V Typ - 3.6V Max
80 mcd Typ
Green
20mA
2.0V Typ - 2.3V Max
6 mcd Typ
Yellow
20mA
2.0V Typ - 2.3V Max
50 mcd Typ
White
20mA
3.0V Typ - 3.6V Max
350 mcd Typ
CAPDimensions
CapStyle
DimensionX
DimensionY
DimensionZ
A
4.70 [.185 in]
5.62 [.221 in]
3.20 [.126 in]
B
5.70 [.224 in]
6.62 [.261 in]
4.20 [.165 in]


Número de pieza similar - TL1270F160GYRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-SWITCH
TL1270F160GYQAT E-SWITCH-TL1270F160GYQAT Datasheet
217Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQBT E-SWITCH-TL1270F160GYQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
More results

Descripción similar - TL1270F160GYRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
logo
Analog Devices
ADR3440ARJZ AD-ADR3440ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
   Tape and Reel Packaging Available
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com