Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-4100-500E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-4100-500E
Descripción Electrónicos  Optically Coupled 20 mA Current Loop Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4100-500E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4100-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Applications
Data transfer between equipment which employs current
loop circuits can be accomplished via one of three configu-
rations: simplex, half duplex or full duplex communication.
With these configurations, point-to-point and multidrop
arrangements are possible.The appropriate configuration
to use depends upon data rate, number of stations, number
and length of lines, direction of data flow, protocol, current
source location and voltage compliance value, etc.
Simplex
The simplex configuration, whether point to point or
multidrop, gives unidirectional data flow from transmit-
ter to transmitter(s). This is the simplest configuration for
use in long line length (two wire), moderate data rate, and
low current source compliance level applications. A block
diagram of simplex point to point arrangement is given in
Figure 12 for the HCPL-4100 transmitter optocoupler.
Major factors which limit maximum data rate performance
for a simplex loop are the location and compliance volt-
age of the loop current source as well as the total line
capacitance. Application of the HCPL-4100 transmitter
in a simplex loop necessitates thtat a non-isolated active
receiver(containingcurrentsource)beusedattheopposite
end of the current loop. With long line length, large line
capacitance will need to be charged to the compliance
voltage level of the current source before the receiver
loop current decreases to zero.This effect limits upper data
rate performance. Slower data rates will occur with larger
compliance voltage levels.The maximum compliance level
is determined by the transmitter breakdown characteristic.
In addition, adequate compliance of the current source
must be available for voltage drops across station(s) dur-
ing the MARK state in multidrop applications for long
line lengths.
Figure 12. Simplex Point to Point Current Loop System Configuration.
In a simplex multidrop application with multiple HCPL-
4100 transmitters and one non-isolated active receiver,
priority of transmitters must be established.
A recommended non-isolated active receiver circuit which
can be used with the HCPL-4100 in point-to-point or in
multidrop20mAcurrentloopapplicationsisgiveninFigure
13.This non-isolated active receiver current threshold must
be chosen properly in order to provide adequate noise
immunity as well as not to detect SPACE state current (bias
current) of the HCPL-4100 transmitter. The receiver input
threshold current is Vth/Rth
| 10 mA. A simple transistor
current source provides a nominal 20 mA loop current over
a V
CC
compliance range of 6 V dc to 27 V dc. A resistor can
be used in place of the constant current source for simple
applications where the wire loop distance and number
of stations on the loop are fixed. A minimum transmitter
output load capacitance of 1000 pF is required between
pins 3 and 4 to ensure absolute stability.
Length of current loop (one direction) versus minimum
required DC supply voltage, V
CC
, of the circuit in Figure 13
is graphically illustrated in Figure 14. Multidrop configura-
tions will require larger V
CC
than Figure 14 predicts in order
to account for additional station terminal voltage drops.
Typical data rate performance versus distance is illustrated
in Figure 15 for the combination of a non-isolated active
receiver and HCPL-4100 optically coupled current loop
transmitter shown in Figure 13. Curves are shown for


Número de pieza similar - HCPL-4100-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4100 HP-HCPL-4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100300 HP-HCPL-4100300 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100500 HP-HCPL-4100500 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
More results

Descripción similar - HCPL-4100-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD693 AD-AD693 Datasheet
496Kb / 12P
   Loop-Powered 4.20 mA Sensor Transmitter
REV. A
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
Analog Devices
AD694 AD-AD694_15 Datasheet
163Kb / 16P
   4-20 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com