Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-261N-320E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-261N-320E
Descripción Electrónicos  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261N-320E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261N-320E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
+85
°C
Average Input Current
I
F(AVG)
10
mA
1
Reverse Input Voltage
V
R
3
Volts
Supply Voltage
V
CC
-0.5
7
Volts
2
Enable Input Voltage
V
E
-0.5
5.5
Volts
Output Collector Current (Each Channel)
I
O
50
mA
Output Power Dissipation (Each Channel)
P
O
60
mW
3
Output Voltage (Each channel)
V
O
-0.5
7
Volts
Lead Solder Temperature
260°C for 10 s, 1.6 mm Below Seating Plane
(Through Hole Parts Only)
Solder Reflow Temperature Profile
See Package Outline Drawings section
(Surface Mount Parts Only)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Voltage, Low Level
V
FL
-3
0.8
V
Input Current, High Level
I
FH
3.0
10
mA
Power Supply Voltage
V
CC
4.5
5.5
Volts
High Level Enable Voltage
V
EH
2.0
V
CC
Volts
Low Level Enable Voltage
V
EL
0
0.8
Volts
Fan Out (at R
L = 1 kΩ)
N
5
TTL Loads
Output Pull-up Resistor
R
L
330
4k
Ω
Operating Temperature
T
A
-40
85
°C


Número de pieza similar - HCPL-261N-320E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261N-320E AVAGO-HCPL-261N-320E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Descripción similar - HCPL-261N-320E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com