Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-2611-560E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-2611-560E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
4 / 21 page 4 Schematic SHIELD 8 6 5 2+ 3 6N137 Schematic a VF USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED BETWEEN PINS 5 AND 8 IS RECOMMENDED (SEE NOTE 5). – IF ICC VCC VO GND IO VE IE 7 6N137, HCPL-2601/2611 HCPL-0600/0601/0611 HCNW137, HCNW2601/2611 SHIELD 8 7 + 2 6N137 Schematic b VF1 – IF1 ICC VCC VO1 IO1 1 SHIELD 6 5 – 4 VF2 + IF2 VO2 GND IO2 3 HCPL-2630/2631/4661 HCPL-0630/0631/0661 Part Number Option Package Surface Mount Gull Wing Tape & Reel UL 5000 V rms/ 1 Minute Rating IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant Non RoHS Compliant HCPL-0600 HCPL-0601 HCPL-0611 -000E No option SO-8 X 100 per tube -500E #500 X X 1500 per reel -060E #060 X X 100 per tube -560E #560 X X X 1500 per reel HCPL-0630 HCPL-0631 HCPL-0661 -000E No option SO-8 X 100 per tube -500E #500 X X 1500 per reel HCNW137 HCNW2601 HCNW2611 -000E No option 400 mil DIP-8 X X 42 per tube -300E #300 X X X X 42 per tube -500E #500 X X X X X 750 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Combination of Option 020 and Option 060 is not available. Example 1: HCPL-2611-560E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel packag ing with IEC/EN/DIN EN 60747-5-5 Safety Approval in RoHS compliant. Example 2: HCPL-2630 to order product of 300mil DIP package in tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Notes: The notation ‘#xxx’ is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant option will use ‘-xxxE‘. |
Número de pieza similar - HCPL-2611-560E |
|
Descripción similar - HCPL-2611-560E |