Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-M453-000E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-M453-000E
Descripción Electrónicos  Small Outline, 5 Lead, High Speed Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M453-000E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M453-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Switching Specifications
Over recommended temperature (TA = 0°C to 70°C) VCC = 5 V, IF = 16 mA unless otherwise specified.
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
Time to Logic Low
at Output
tPHL
0.2
0.8
Ps
TA = 25°C
RL = 1.9 k
:
5, 6, 10
9
1.0
Propagation Delay
Time to Logic High
at Output
tPLH
0.6
0.8
TA = 25°C
RL = 1.9 k
:
5, 6, 10
9
1.0
Common Mode
Transient Immunity
at Logic High Level
Output
|CMH|
HCPL-
M452
1
kV/
Ps
VCM = 10 Vp-p IF = 0 mA
TA = 25°C
RL = 1.9 k
:
11
8, 9
HCPL-
M453
15
30
VCM = 1500
Vp-p
Common Mode
Transient Immunity
at Logic Low Level
Output
|CML|
HCPL-
M452
1
VCM = 10 Vp-p IF = 16 mA
TA = 25°C
RL = 1.9 k
:
11
8, 9
HCPL-
M453
15
30
VCM = 1500
Vp-p
Bandwidth
BW
3
MHz
RL = 100
:, See Test Circuit
8, 9
10
All typicals at TA = 25°C.
Notes:
1. Derate linearly above 85°C free-air temperature at a rate of 0.5 mA/°C.
2. Derate linearly above 85°C free-air temperature at a rate of 1.0 mA/°C.
3. Derate linearly above 85°C free-air temperature at a rate of 1.1 mW/°C.
4. Derate linearly above 85°C free-air temperature at a rate of 2.3 mW/°C.
5. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100.
6. Device considered a two terminal device: pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted together.
7. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 VRMS for 1 second (leakage detection
current limit, II-O ≤ 5
PA).
8. Common transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the rising edge of the common mode pulse, VCM,
to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient immunity in a Logic Low level is the maximum
tolerable (negative) dVCM/dt on the falling edge of the common mode pulse signal, VCM to assure that the output will remain in a Logic Low state
(i.e., VO < 0.8 V).
9. The 1.9 k
: load represents 1 TTL unit load of 1.6 mA and the 5.6 k: pull-up resistor.
10. The frequency at which the ac output voltage is 3 dB below its mid-frequency value.
11. Use of a 0.1
PF bypass capacitor connected between pins 4 and 6 is recommended.


Número de pieza similar - HCPL-M453-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-M453 HP-HCPL-M453 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results

Descripción similar - HCPL-M453-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
logo
List of Unclassifed Man...
HCPLM700 ETC1-HCPLM700 Datasheet
95Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com