Nombre de pieza
         Descripción
MRF421

 RF POWER TRANSISTORS NPN SILICON ( 4 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 4 page
background image
MRF421
4
MOTOROLA RF DEVICE DATA
Figure 8. Output Capacitance versus Frequency
Figure 9. Output Resistance versus Frequency
1.5
f, FREQUENCY (MHz)
2
3
5
7
10
30
20
15
20,000
0
VCC = 12.5 V
ICQ = 150 mA
Pout = 100 W (PEP)
f, FREQUENCY (MHz)
2
3
5
7
10
30
20
15
2.5
1.5
VCC = 12.5 V
ICQ = 150 mA
Pout = 100 W (PEP)
16,000
12,000
8000
4000
2
1.5
1
0.5
0
PACKAGE DIMENSIONS
CASE 211–11
ISSUE N
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. EMITTER
2. BASE
3. EMITTER
4. COLLECTOR
A
U
M
M
Q
R
B
1
4
3
2
D
K
E
SEATING
PLANE
C
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.960
0.990
24.39
25.14
B
0.465
0.510
11.82
12.95
C
0.229
0.275
5.82
6.98
D
0.216
0.235
5.49
5.96
E
0.084
0.110
2.14
2.79
H
0.144
0.178
3.66
4.52
J
0.003
0.007
0.08
0.17
K
0.435
–––
11.05
–––
M
45 NOM
45 NOM
Q
0.115
0.130
2.93
3.30
R
0.246
0.255
6.25
6.47
U
0.720
0.730
18.29
18.54
__
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MRF421/D
*MRF421/D*
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BU522B7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS 1 2 3 4 Motorola, Inc
CJD3439NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS 1 2 3 4 Continental Device India Limited
MJ1333320 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS 1 2 3 4 5 MoreMotorola, Inc
MRF422RF POWER TRANSISTORS NPN SILICON 1 2 3 4 Motorola, Inc
BD245NPN SILICON POWER TRANSISTORS 1 2 3 4 5 Bourns Electronic Solutions
2N6338POWER TRANSISTORS NPN SILICON 1 2 3 4 ON Semiconductor
MJ41310 Amp NPN Silicon Power Transistors 125W 1 2 Micro Commercial Components
2N42405 Amp 500V High Voltage NPN Silicon Power Transistors 1 2 3 Microsemi Corporation
BSS66SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS 1 List of Unclassifed Manufacturers
BD743NPN SILICON POWER TRANSISTORS 1 2 3 4 5 MorePower Innovations Ltd

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl