|
| MRF421 |
|
||
|
MOTOROLA |
|
3 page
3 MRF421 MOTOROLA RF DEVICE DATA Figure 2. Output Power versus Input Power Figure 3. Output Power versus Supply Voltage Figure 4. Power Gain versus Frequency Figure 5. Intermodulation Distortion versus Output Power Figure 6. DC Safe Operating Area Figure 7. Series Equivalent Impedance 160 16 12 8 4 0 Pin, INPUT POWER (WATTS PEP) VCC = 12.5 V ICQ = 150 mA TWO TONE TEST: f = 30, 30.001 MHz 120 80 40 0 8 VCC, SUPPLY VOLTAGE (VOLTS) 10 12 14 16 IMD = – 30 dB ICQ = 150 mA f = 30, 30.001 MHz 160 120 80 40 0 25 1.5 f, FREQUENCY (MHz) 2 3 5 7 10 30 20 15 20 15 10 5 0 –20 0 Pout, OUTPUT POWER (WATTS PEP) 20 –25 –30 –35 –40 –45 VCC = 12.5 V ICQ = 150 mA Pout = 100 W PEP VCC = 12.5 V ICQ = 150 mA f = 30, 30.001 MHz 3RD ORDER 5TH ORDER 40 60 80 100 120 140 40 1 VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS) 2 20 5 10 20 50 100 TC = 25°C 0.4 0.8 2 4 8 Zin 7.5 f = 2 MHz 15 30 VCC = 12.5 V ICQ = 150 mA Pout = 100 W PEP FREQUENCY MHz Zin Ohms 2.0 7.5 15 30 5.35 – j2.2 2.8 – j1.9 1.39 – j1.1 0.7 – j0.5 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| BU522B | 7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS | 1 2 3 4 | Motorola, Inc |
| CJD3439 | NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS | 1 2 3 4 | Continental Device India Limited |
| MJ13333 | 20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS | 1 2 3 4 5 More | Motorola, Inc |
| MRF422 | RF POWER TRANSISTORS NPN SILICON | 1 2 3 4 | Motorola, Inc |
| BD245 | NPN SILICON POWER TRANSISTORS | 1 2 3 4 5 | Bourns Electronic Solutions |
| 2N6338 | POWER TRANSISTORS NPN SILICON | 1 2 3 4 | ON Semiconductor |
| MJ413 | 10 Amp NPN Silicon Power Transistors 125W | 1 2 | Micro Commercial Components |
| 2N4240 | 5 Amp 500V High Voltage NPN Silicon Power Transistors | 1 2 3 | Microsemi Corporation |
| BSS66 | SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS | 1 | List of Unclassifed Manufacturers |
| BD743 | NPN SILICON POWER TRANSISTORS | 1 2 3 4 5 More | Power Innovations Ltd |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |