Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7545CQ Datasheet(PDF) 5 Page - Analog Devices |
|
AD7545CQ Datasheet(HTML) 5 Page - Analog Devices |
5 / 8 page AD7545 –5– REV. A Figure 5 and Table III illustrate the recommended circuit and code relationship for bipolar operation. The D/A function itself uses offset binary code and inverter U1 on the MSB line con- verts twos complement input code to offset binary code. If ap- propriate; inversion of the MSB may be done in software using an exclusive –OR instruction and the inverter omitted. R3, R4 and R5 must be selected to match within 0.01% and they should be the same type of resistor (preferably wire-wound or metal foil), so their temperature coefficients match. Mismatch of R3 value to R4 causes both offset and full-scale error. Mismatch of R5 and R4 and R3 causes full-scale error. A1 R2 * VDD R1 * VIN DATA INPUT ANALOG COMMON C1 33pF AD544L VOUT AD544J A2 R4 20k Ω R5 20k Ω R3 10k Ω R6 5k Ω 10% *FOR VALUES OF R1 AND R2 SEE TABLE I. 11 12 AD7545 18 19 20 1 2 VDD RFB VREF DB10–DB0 OUT1 AGND 4 DB11 U1 (SEE TEXT) Figure 5. Bipolar Operation (Twos Complement Code) Table III. Twos Complement Code Table for Circuit of Figure 5 Data Input Analog Output 0 1 1 1 1 1 1 1 1 1 1 1 +VIN × 2047 2048 0 0 0 0 0 0 0 0 0 0 0 1 +VIN × 1 2048 0 0 0 0 0 0 0 0 0 0 0 0 0 Volts 1 1 1 1 1 1 1 1 1 1 1 1 –VIN × 1 2048 1 0 0 0 0 0 0 0 0 0 0 0 –VIN × 2048 2048 Figure 6 shows an alternative method of achieving bipolar out- put. The circuit operates with sign plus magnitude code and has the advantage of giving 12-bit resolution in each quadrant, com- pared with 11-bit resolution per quadrant for the circuit of Fig- ure 5. The AD7592 is a fully protected CMOS change-over switch with data latches. R4 and R5 should match each other to 0.01% to maintain the accuracy of the D/A converter. Mismatch between R4 and R5 introduces a gain error. A2 A1 R2 * VDD R1 * VIN ANALOG COMMON C1 33pF AD544L VOUT AD544J R5 20k Ω *FOR VALUES OF R1 AND R2 SEE TABLE I. R4 20k Ω R3 10k Ω 10% 1/2 AD7592JN SIGN BIT 12 AD7545 3 18 19 20 1 2 VDD RFB VREF DB11–DB0 OUT1 AGND Figure 6. 12-Bit Plus Sign Magnitude D/A Converter Table IV. 12-Plus Sign Magnitude Code Table for Circuit of Figure 6 Sign Binary Number in DAC Bit MSB LSB Analog Output, VOUT 0 1 1 1 1 1 1 1 1 1 1 1 1 + VIN × 4095 4096 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Volts 1 0 0 0 0 0 0 0 0 0 0 0 0 0 Volts 1 1 1 1 1 1 1 1 1 1 1 1 1 – VIN × 4095 4096 Note: Sign bit of “0” connects R3 to GND. APPLICATIONS HINTS Output Offset: (CMOS D/A converters exhibit a code depen- dent output resistance which, in turn, causes a code dependent amplifier noise gain. The effect is a code dependent differential nonlinearity term at the amplifier output that depends on VOS where VOS is the amplifier input offset voltage. To maintain monotonic operation it is recommended that VOS be no greater than 25 × 10–6) (VREF) over the temperature range of operation. Suitable op amps are AD517L and AD544L. The AD517L is best suited for fixed reference applications with low bandwidth requirements: it has extremely low offset (50 µV) and in most applications will not require an offset trim. The AD544L has a much wider bandwidth and higher slew rate and is recommended for multiplying and other applications requiring fast settling. An offset trim on the AD544L may be necessary in some circuits. General Ground Management: AC or transient voltages between AGND and DGND can cause noise injection into the analog output. The simplest method of ensuring that voltages at AGND and DGND are equal is to tie AGND and DGND together at the AD7545. In more complex systems where the AGND and DGND intertie is on the backplane, it is recom- mended that two diodes be connected in inverse parallel between the AD7545 AGND and DGND pins (IN914 or equivalent). Digital Glitches: When WR and CS are both low the latches are transparent and the D/A converter inputs follow the data inputs. In some bus systems, data on the data bus is not always valid for the whole period during which WR is low and as a result invalid data can briefly occur at the D/A converter inputs during a write cycle. Such invalid data can cause unwanted glitches at the output of the D/A converter. The solution to this problem, if it occurs, is to retime the write pulse WR so that it only occurs when data is valid. Another cause of digital glitches is capacitive coupling from the digital lines to the OUT1 and AGND terminals. This should be minimized by screening the analog pins of the AD7545 (Pins 1, 2, 19, 20) from the digital pins by a ground track run between Pins 2 and 3 and between Pins 18 and 19 of the AD7545. Note how the analog pins are at one end of the package and separated from the digital pins by VDD and DGND to aid screening at the board level. On-chip capacitive coupling can also give rise to crosstalk from the digital-to-analog sections of the AD7545, particularly in circuits with high currents and fast rise and fall times. This type of crosstalk is minimized by using |
Número de pieza similar - AD7545CQ |
|
Descripción similar - AD7545CQ |