Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLR3802TRPBF Datasheet(PDF) 8 Page - International Rectifier

No. de pieza IRLR3802TRPBF
Descripción Electrónicos  HEXFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLR3802TRPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRLR3802TRPBF Datasheet HTML 3Page - International Rectifier IRLR3802TRPBF Datasheet HTML 4Page - International Rectifier IRLR3802TRPBF Datasheet HTML 5Page - International Rectifier IRLR3802TRPBF Datasheet HTML 6Page - International Rectifier IRLR3802TRPBF Datasheet HTML 7Page - International Rectifier IRLR3802TRPBF Datasheet HTML 8Page - International Rectifier IRLR3802TRPBF Datasheet HTML 9Page - International Rectifier IRLR3802TRPBF Datasheet HTML 10Page - International Rectifier IRLR3802TRPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRLR/U3802PbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN THE ASSEMBLY LINE "A"
ASSEMBLED ON WW 16, 1999
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFR120
LOT CODE 1234
YEAR 9 = 1999
DATE CODE
WEEK 16
PART NUMBER
LOGO
INTERNATIONAL
RECTIFIER
ASSEMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DATE CODE
OR
P = DESIGNATES LEAD-FREE
PRODUCT (OPTIONAL)
Note: "P" in assembly line position
indicates "Lead-Free"
12
34
WEEK 16
A = ASSEMBLY SITE CODE
PART NUMBER
IRFU120
LINE A
LOGO
LOT CODE
ASSEMBLY
INTERNATIONAL
RECTIFIER


Número de pieza similar - IRLR3802TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLR3802 IRF-IRLR3802 Datasheet
143Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRLR3802 KERSEMI-IRLR3802 Datasheet
923Kb / 10P
   High Frequency 3.3V and 5V input Pointof-Load Synchronous Buck Converters
logo
Inchange Semiconductor ...
IRLR3802 ISC-IRLR3802 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3802PBF IRF-IRLR3802PBF Datasheet
278Kb / 10P
   HEXFET Power MOSFET
IRLR3802PBF IRF-IRLR3802PBF Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com