Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB11N52K3 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STB11N52K3
Descripción Electrónicos  N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11N52K3 Datasheet(HTML) 5 Page - STMicroelectronics

  STB11N52K3 Datasheet HTML 1Page - STMicroelectronics STB11N52K3 Datasheet HTML 2Page - STMicroelectronics STB11N52K3 Datasheet HTML 3Page - STMicroelectronics STB11N52K3 Datasheet HTML 4Page - STMicroelectronics STB11N52K3 Datasheet HTML 5Page - STMicroelectronics STB11N52K3 Datasheet HTML 6Page - STMicroelectronics STB11N52K3 Datasheet HTML 7Page - STMicroelectronics STB11N52K3 Datasheet HTML 8Page - STMicroelectronics STB11N52K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STB11N52K3, STF11N52K3, STP11N52K3
Electrical characteristics
Doc ID 018868 Rev 2
5/20
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
10
40
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 10 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 10 A, di/dt = 100 A/µs
VDD= 60 V
(see Figure 19)
-
270
2700
20
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 10 A, di/dt = 100 A/µs
VDD= 60 V TJ = 150 °C
(see Figure 19)
-
320
3400
22
ns
nC
A
Table 8.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
BVGSO
Gate-source breakdown
voltage
Igs=± 1 mA (open drain)
30
-
-
V


Número de pieza similar - STB11N52K3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB11N65M5 STMICROELECTRONICS-STB11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
logo
Inchange Semiconductor ...
STB11N65M5 ISC-STB11N65M5 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB11N65M5 STMICROELECTRONICS-STB11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
logo
Inchange Semiconductor ...
STB11N65M5-2 ISC-STB11N65M5-2 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
More results

Descripción similar - STB11N52K3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
   N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
STF13N95K3 STMICROELECTRONICS-STF13N95K3 Datasheet
861Kb / 19P
   N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
STB7N52K3 STMICROELECTRONICS-STB7N52K3 Datasheet
380Kb / 15P
   N-channel 525 V, 0.84 廓, 6.3 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3??Power MOSFET
STB4N62K3 STMICROELECTRONICS-STB4N62K3 Datasheet
1Mb / 18P
   N-channel 620 V, 1.7 廓, 3.8 A SuperMESH3 Power MOSFET
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com