Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5555 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD5555
Descripción Electrónicos  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5555 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5555 Datasheet HTML 6Page - Analog Devices AD5555 Datasheet HTML 7Page - Analog Devices AD5555 Datasheet HTML 8Page - Analog Devices AD5555 Datasheet HTML 9Page - Analog Devices AD5555 Datasheet HTML 10Page - Analog Devices AD5555 Datasheet HTML 11Page - Analog Devices AD5555 Datasheet HTML 12Page - Analog Devices AD5555 Datasheet HTML 13Page - Analog Devices AD5555 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DAC08
Rev. C | Page 10 of 20
LOGIC INPUT VOLTAGE (V)
1.8
1.6
1.4
1.2
0
1.0
0.8
0.6
0.4
0.2
–12
0
4
8
16
–8
B4
B5
–4
12

B3
B1
V– = –5V
V– = –15V
B2
IREF = 2.0mA
NOTE:
B1 THROUGH B8 HAVE IDENTICAL TRANSFER
CHARACTERISTICS. BITS ARE FULLY SWITCHED WITH LESS
THAN 1/2 LSB ERROR, AT LESS THAN
±100mV FROM ACTUAL
THRESHOLD. THESE SWITCHING POINTS ARE GUARANTEED
TO LIE BETWEEN 0.8V AND 2.0V OVER THE OPERATING
TEMPERATURE RANGE (VLC = 0.0V).
Figure 19. Bit Transfer Characteristics
V+, POSITIVE POWER SUPPLY (V dc)
10
8
7
6
0
5
4
3
2
1
2
9
4
6
8
12
14
16
18
I–
I+
ALL BITS HIGH OR LOW
010
20
20
Figure 20. Power Supply vs. V+
V–, NEGATIVE POWER SUPPLY (V dc)
10
8
7
6
0
5
4
3
2
1
0–
–2
9
–4
–6
–8
–10
–12
–14
–16
–18
I+
BITS MAY BE HIGH OR LOW
I– WITH IREF = 2mA
I– WITH IREF = 1mA
I– WITH IREF = 0.2mA
Figure 21. Power Supply Current vs. V−
TEMPERATURE (°C)
10
9
8
7
6
0
5
4
3
2
1
–50
0
50
100
150
I–
I+
ALL BITS HIGH OR LOW
IREF = 2.0mA
V+ = +15V
V– = –15V
Figure 22. Power Supply Current vs. Temperature


Número de pieza similar - AD5555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5555 AD-AD5555 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5555 AD-AD5555 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5555 AD-AD5555 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5555 AD-AD5555 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5555 AD-AD5555 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Descripción similar - AD5555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC10FX AD-DAC10FX Datasheet
460Kb / 10P
   10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com