Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF320 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza IRF320
Descripción Electrónicos  N-Channel Power MOSFETs, 3.0 A, 350-400 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF320 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRF320 Datasheet HTML 1Page - Fairchild Semiconductor IRF320 Datasheet HTML 2Page - Fairchild Semiconductor IRF320 Datasheet HTML 3Page - Fairchild Semiconductor IRF320 Datasheet HTML 4Page - Fairchild Semiconductor IRF320 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Número de pieza similar - IRF320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
IRF320 SAMSUNG-IRF320 Datasheet
213Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF320 INTERSIL-IRF320 Datasheet
67Kb / 7P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF320 ISC-IRF320 Datasheet
48Kb / 2P
   Static Drain-Source On-Resistance
logo
ARTSCHIP ELECTRONICS CO...
IRF320 ARTSCHIP-IRF320 Datasheet
333Kb / 6P
   N-Channel Power MOSFETs
More results

Descripción similar - IRF320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
   N-Channel Power MOSFETs, 2.25 A, 350-400 V
IRF330 NJSEMI-IRF330 Datasheet
848Kb / 3P
   N-Channel Power MOSFETs, 5.5 A, 350 V/400 V
logo
Fairchild Semiconductor
IRF420-423 FAIRCHILD-IRF420-423 Datasheet
157Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
IRF330-333 FAIRCHILD-IRF330-333 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 5.5A, 350 V/400V
IRF710-713 FAIRCHILD-IRF710-713 Datasheet
147Kb / 5P
   N-Channel Power MOSFETs, 2.25A, 350-400V
logo
New Jersey Semi-Conduct...
MTM4N45 NJSEMI-MTM4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Fairchild Semiconductor
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
2N6755 FAIRCHILD-2N6755 Datasheet
136Kb / 5P
   N-Channel Power MOSFETs, 14 A, 60 A/100 V
logo
New Jersey Semi-Conduct...
MTP4N45 NJSEMI-MTP4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Littelfuse
LGB8206ATI LITTELFUSE-LGB8206ATI Datasheet
443Kb / 9P
   350 V, 20 A N-Channel Ignition IGBT
4/27/2020
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com