Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF620 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza IRF620
Descripción Electrónicos  N-Channel Power MOSFETs, 7A, 150-200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF620 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  IRF620 Datasheet HTML 1Page - Fairchild Semiconductor IRF620 Datasheet HTML 2Page - Fairchild Semiconductor IRF620 Datasheet HTML 3Page - Fairchild Semiconductor IRF620 Datasheet HTML 4Page - Fairchild Semiconductor IRF620 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Número de pieza similar - IRF620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Intersil Corporation
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
   5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
TRANSYS Electronics Lim...
IRF620 TEL-IRF620 Datasheet
141Kb / 1P
   Power MOSFET
logo
Vishay Siliconix
IRF620 VISHAY-IRF620 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
logo
New Jersey Semi-Conduct...
IRF620 NJSEMI-IRF620 Datasheet
107Kb / 2P
   Power MOSFET
More results

Descripción similar - IRF620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
IRF610-613 FAIRCHILD-IRF610-613 Datasheet
148Kb / 5P
   N-Channel Power MOSFETs, 3.5A, 150-200V
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
logo
Intersil Corporation
FRS230D INTERSIL-FRS230D Datasheet
48Kb / 6P
   7A, 200V, 0.515 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Mospec Semiconductor
BU406D MOSPEC-BU406D Datasheet
107Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
BU407H MOSPEC-BU407H Datasheet
113Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Unisonic Technologies
7N20 UTC-7N20 Datasheet
214Kb / 5P
   7A, 200V N-CHANNEL POWER MOSFET
7N20Z UTC-7N20Z Datasheet
217Kb / 5P
   7A, 200V N-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P7F90VX3 SHINDENGEN-P7F90VX3 Datasheet
1Mb / 8P
   Power MOSFETs 900V, 7A, N-channel
logo
Intersil Corporation
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com