Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5510LCW-24.0M-T250 Datasheet(PDF) 3 Page - Pletronics, Inc.

No. de pieza SM5510LCW-24.0M-T250
Descripción Electrónicos  SM55L Series 2.5 V CMOS Clock Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PLETRONICS [Pletronics, Inc.]
Página de inicio  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5510LCW-24.0M-T250 Datasheet(HTML) 3 Page - Pletronics, Inc.

  SM5510LCW-24.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5510LCW-24.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5510LCW-24.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5510LCW-24.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5510LCW-24.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5510LCW-24.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5510LCW-24.0M-T250 Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SM55L Series 2.5 V
CMOS Clock Oscillators
June 2013
www.pletronics.com
425-776-1880
3
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
0.5
50
MHz
Frequency Accuracy “10"
-10
+10
ppm
For all supply voltages, load changes and
temperature
Frequency Accuracy “05"
-5
+5
ppm
Output Waveform
CMOS
CC
Output High Level
90
-
%
of V
(See load circuit)
Output Low Level
-
10
%
CC
Output Symmetry
45
55
%
at 50% point of V
(See load circuit)
CC
Enable/Disable Internal Pull-up
50
-
Kohm
to V
CC
V disable
-
30
%
of V
applied to pin 1
V enable
70
-
%
OUT
CC
Output leakage
V
= V
-10
+10
uA
Pin 1 low, device disabled
OUT
V
= 0V
-10
+10
uA
CC
Standby Current I
-
10
uA
Enable time
-
3
mS
Time for output to reach the specified
frequency and the output to turn on
Disable time
-
100
nS
Time for output to reach a high Z state
Start up time
-
3
mS
Time for output to reach specified frequency
Operating Temperature Range
-10
+70
C
Standard Temperature Range
o
-20
+70
C
Extended Temperature Range
o
C” Option
-40
+85
C
Extended Temperature Range
o
E” Option
Storage Temperature Range
-55
+125
C
o
RISE
FALL
LOAD
Output T
and T
-
5.0
nS
< 50 MHz
C
= 15 pF
CC
20% to 80% of V
See Load Circuit
CC
CC
LOAD
V
Supply Current (I )
-
5.0
mA
at 25.0 MHz
C
= 15 pF
-
6.5
mA
at 50.0 MHz
Phase Noise
Typical
Units
Condition
at 10 Hz
-100
dBc/Hz
at 25.0MHz
at 100 Hz
-131
dBc/Hz
at 25.0MHz
at 1 kHz
-152
dBc/Hz
at 25.0MHz
at 10 kHz
-160
dBc/Hz
at 25.0MHz
at 100 kHz
-161
dBc/Hz
at 25.0MHz
Specifications with Pin 1 E/D open circuit


Número de pieza similar - SM5510LCW-24.0M-T250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
SM5510LCV-24.0M-T1K PLETRONICS-SM5510LCV-24.0M-T1K Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LCV-24.0M-T250 PLETRONICS-SM5510LCV-24.0M-T250 Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LCV-24.0M-T500 PLETRONICS-SM5510LCV-24.0M-T500 Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LCX-24.0M-T1K PLETRONICS-SM5510LCX-24.0M-T1K Datasheet
788Kb / 7P
   SM55L Series 1.8 V CMOS Clock Oscillators
SM5510LCX-24.0M-T250 PLETRONICS-SM5510LCX-24.0M-T250 Datasheet
788Kb / 7P
   SM55L Series 1.8 V CMOS Clock Oscillators
More results

Descripción similar - SM5510LCW-24.0M-T250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
SM5510LV-240M-T250 PLETRONICS-SM5510LV-240M-T250 Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LX-240M-T250 PLETRONICS-SM5510LX-240M-T250 Datasheet
788Kb / 7P
   SM55L Series 1.8 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com