Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21090BFB825Z-TK Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL21090BFB825Z-TK
Descripción Electrónicos  Ultra Low Noise, Precision Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090BFB825Z-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL21090BFB825Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL21090
3
FN6993.5
February 27, 2013
Absolute Maximum Ratings
Thermal Information
Max Voltage
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +40V
VOUT to GND (10s). . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VOUT + 0.5V
Voltage on any Pin to Ground . . . . . . . . . . . . . . . . . . . -0.5V to +VOUT + 0.5V
Voltage on DNC pins . . . . . . . . . . . . . . . No connections permitted to these pins
Input Voltage Slew Rate (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.1V/µs
ESD Ratings
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 3kV
Machine Model (Tested per JESD22-A115-C) . . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C110D) . . . . . . . . . . . . . 2kV
Latch-up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . . at +125°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld SOIC Package (Notes 4, 5) . . . . . . . . .
110
60
Continuous Power Dissipation (TA = +125°C) . . . . . . . . . . . . . . . . .217mW
Maximum Junction Temperature (TJMAX). . . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
6. Post-reflow drift for the ISL21090 devices can exceed 100µV to 1.0mV based on experimental results with devices on FR4 double sided boards. The
system engineer must take this into account when considering the reference voltage after assembly.
Electrical Specifications V
IN = 5V (1.25V option), IOUT = 0, CL = 0.1µF and CC = 0.01µF, unless otherwise specified. Boldface limits apply
over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VOUT
Output Voltage
VIN = 5V,
1.25
V
VOA
VOUT Accuracy @ TA = +25°C (Note 6)
VOUT = 1.25V
-0.03
+0.03
%
TC VOUT
Output Voltage Temperature Coefficient
(Note 8)
ISL21090 B grade
7
ppm/°C
VIN
Input Voltage Range
VOUT = 1.25V
3.7
36
V
IIN
Supply Current
0.750
1.28
mA
ΔVOUT /ΔVIN
Line Regulation
VIN = 3.7V to 36V, VOUT = 1.25V
6
17
ppm/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 20mA
2.5
17
ppm/mA
VD
Dropout Voltage (Note 9)
VOUT = 1.25V @ 10mA
1.7
2.15
V
ISC+
Short Circuit Current
TA = +25°C, VOUT tied to GND
53
mA
tR
Turn-on Settling Time
90% of final value, CL = 1.0µF, CC = open
150
µs
Ripple Rejection
f = 120Hz
90
dB
enp-p
Voltage Noise
0.1Hz
≤ f ≤ 10Hz, VOUT = 1.25V
1.0
µVP-P
Vn
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz, VOUT = 1.25V
1.2
µVRMS
en
Noise Voltage Density
f = 1kHz, VOUT = 1.25V
25
nV/
√Hz
ΔVOUT/Δt
Long Term Stability
TA = +25°C
20
ppm


Número de pieza similar - ISL21090BFB825Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
More results

Descripción similar - ISL21090BFB825Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com