Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIC401ACD-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SIC401ACD-T1-GE3
Descripción Electrónicos  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401ACD-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC401ACD-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIC401ACD-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIC401ACD-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIC401ACD-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIC401ACD-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIC401ACD-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIC401ACD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIC401ACD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIC401ACD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.vishay.com
2
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
Vishay Siliconix
SiC401A, SiC401BCD
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
SiC401A/B Functional Block Diagram
Reference
Soft Start
FB
AGND
On- time
Generator
Control & Status
PGOOD
Gate Drive
Control
VIN
PGND
TON
VOUT
Zero Cross Detector
Valley Current Limit
ILIM
ENL
FBL
VLDO Switchover MUX
A
Y
B
LDO
VDD
BST
FB Comparator
-
LX
EN/PSV
Bypass Comparator
Bypass Comparator
NC
NC
A
12
8
27
14
32
5
3
2
31
1
26
29
A = connected to pins 6, 9-11, PAD 2
B = connected to pins 23-25, PAD 3
C = connected to pins 15-22
D = connect to pins 4, 30, PAD 1
B
C
D
VIN
VDD
VDD
VIN
Bootstrap
Switch
Lo-side
MOSFET
Hi-side
MOSFET
LXBST
13
LXS
28
DL
DL
VDD
VDD
VDD
SS
7
SiC401A/B Pin Configuration (Top View)
PAD 1
AGND
PAD 3
LX
PAD 2
VIN
PGND
LX
PGND
PGND
PGND
PGND
PGND
17
18
19
20
21
BST
VIN
FBL
AGND
VDD
VOUT
FB
1
2
3
4
5
7
6
8
SS
24
LX
23
22
31
30 29
25
26
27
28
32


Número de pieza similar - SIC401ACD-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIC401ACD-T1-GE3 VISHAY-SIC401ACD-T1-GE3 Datasheet
2Mb / 30P
   15 A microBUCK짰 SiC401A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
More results

Descripción similar - SIC401ACD-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIC401BCD VISHAY-SIC401BCD_V01 Datasheet
2Mb / 30P
   15 A microBUCK짰 SiC401A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
   6 A microBUCK짰 SiC403A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
   10 A microBUCK짰 SiC402A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com