Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU4S01G2-TR Datasheet(PDF) 2 Page - Rohm |
|
BU4S01G2-TR Datasheet(HTML) 2 Page - Rohm |
2 / 17 page BU4S01G2,BU4S11G2,BU4SU69G2,BU4S71G2,BU4S81G2, BU4S584G2 Technical Note 2/16 www.rohm.com 2009.06 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. When used at Ta=25[°C] or above, values of above are reduced per 1[°C]. Power dissipation is the value for mounting 70[mm] x 70[mm] x 1.6[mm] FR4 glass epoxy circuit board (copper foil area is 3% or less). ● Absolute Maximum Ratings Parameter Symbol Limit Unit BU4S01G2 BU4S11G2 BU4SU69G2 BU4S71G2 BU4S81G2 BU4S584G2 Power supply voltage VDD -0.3 to 18 V Supply current Iin ±10 mA Operating temperature Topr -40 to 85 ℃ Storage temperature Tstg -55 to 150 ℃ Input voltage VIN -0.3 to VDD+0.3 V Maximum junction temperature Tjmax 150 ℃ ● Recommended Operating Conditions Parameter Symbol Limit Unit BU4S01G2 BU4S11G2 BU4SU69G2 BU4S71G2 BU4S81G2 BU4S584G2 Operating power supply VDD 3 to 16 V Input voltage VIN 0 to VDD V ● Thermal Derating Curve ● Input / output Equivalent Circuits ● Switching Characteristics (*1) UNIT 5.3 mW/℃ < Input> < Output> VDD GND VDD GND VDD VDD GND GND Description of symbols (1) tPHL: Time up to 50% of rise time of input waveform ~ 50% of fall time of output waveform (2) tPLH: Time up to 50% of fall time of input waveform ~ 50% of rise time of output waveform (3) tTHL: Time up to 90% ~ 10% of fall time of output waveform (4) tTLH: Time up to 10% ~ 90% of rise time of output waveform Description of symbols (1) tPLH: Time up to 50% of rise time of input waveform ~50% of rise time of output waveform (2) tPHL: Time up to 50% of fall time of input waveform ~ 50% of fall time of output waveform (3) tTLH: Time up to 10% ~ 90% of rise time of output waveform (4) tTHL: Time up to 90% ~ 10% of fall time of output waveform 0 200 400 600 800 1000 1200 1400 0 25 50 75 100 125 150 175 Ambient temperature Ta〔℃〕 670[mV] BU4S Series (*1) 85℃ BU4S01G2 BU4S11G2 BU4SU69G2 BU4S71G2 BU4S81G2 BU4S584G2 90% 50% 10% 10% 50% 90% 20[ns] 20[ns] Input Output ① tPHL ② tPLH ③ tTHL ④ tTLH 90% 50% 10% 90% 50% 10% 20[ns] 20[ns] ④ tTHL ① tpLH Input Output ③ tTLH ② tpHL |
Número de pieza similar - BU4S01G2-TR |
|
Descripción similar - BU4S01G2-TR |