Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU19TD3WG-GTR Datasheet(PDF) 5 Page - Rohm

No. de pieza BU19TD3WG-GTR
Descripción Electrónicos  Versatile Package FULL CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU19TD3WG-GTR Datasheet(HTML) 5 Page - Rohm

  BU19TD3WG-GTR Datasheet HTML 1Page - Rohm BU19TD3WG-GTR Datasheet HTML 2Page - Rohm BU19TD3WG-GTR Datasheet HTML 3Page - Rohm BU19TD3WG-GTR Datasheet HTML 4Page - Rohm BU19TD3WG-GTR Datasheet HTML 5Page - Rohm BU19TD3WG-GTR Datasheet HTML 6Page - Rohm BU19TD3WG-GTR Datasheet HTML 7Page - Rohm BU19TD3WG-GTR Datasheet HTML 8Page - Rohm BU19TD3WG-GTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300030-1-2
TSZ22111・15・001
5/10
30.JUL.2013.Rev.002
BUxxTD3WG series
Datasheet
Reference data
BU18TD3WG (Ta=25ºC unless otherwise specified.)
Fig 3. Output Voltage
Fig 4. Line Regulation
Fig 5. Circuit Current IGND
Fig 6. VSTBY - ISTBY
Fig 7. IOUT - IGND
Fig 8. Load Regulation
Fig 9. OCP Threshold
Fig 10. STBY Threshold
Fig 11. VOUT - Temp
Fig 12. IGND - Temp
Fig 13. IGND - Temp (STBY)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
00.511.522.5
33.5
4
4.555.5
Input Voltage (V)
Temp=-40°C
Temp=25°C
Temp=85°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
00.511.522.533.544.555.5
Input Voltage (V)
Temp=25°C
Io=0uA
Io=100uA
Io=50mA
Io=200mA
VIN=STBY
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
Input Voltage (V)
Temp=25°C
Io=0uA
Io=100uA
Io=50mA
Io=200mA
VIN=STBY
0
20
40
60
80
100
00.5
11.522.5
33.544.5
55.5
Input Voltage (V)
Io=0uA
Temp=85°C
Temp=25°C
VIN=STBY
Temp=-40°C
0
20
40
60
80
100
0
0.05
0.1
0.15
0.2
Output Current (A)
Temp=-40°C
Temp=25°C
Temp=85°C
VIN=2.8V
STBY=1.5V
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN=2.8V
STBY=1.5V
Temp=-40°C
Temp=25°C
Temp=85°C
0.0
0.5
1.0
1.5
2.0
0
0.5
1
1.5
STBY Voltage (V)
VIN=3.8V
Io=0mA
Temp=-40°C
Temp=25°C
Temp=85°C
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
-40
-15
10
35
60
85
Temp (°C)
VIN=2.8V
STBY=1.5V
Io=0.1mA
0
10
20
30
40
50
60
-40
-15
10
35
60
85
Temp (°C)
VIN=2.8V
STBY=1.5V
Io=0mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-15
10
35
60
85
Temp (°C)
VIN=2.8V
STBY=0V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.00.1
0.20.3
0.40.5
0.6
Output Current (mA)
VIN=2.3V
VIN=2.8V
VIN=5.5V
Temp=25°C
STBY=1.5V


Número de pieza similar - BU19TD3WG-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU19TD3WG-XTR ROHM-BU19TD3WG-XTR Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BU19TD3WG-XTR ROHM-BU19TD3WG-XTR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
More results

Descripción similar - BU19TD3WG-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com