Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3841FS Datasheet(PDF) 5 Page - Rohm

No. de pieza BD3841FS
Descripción Electrónicos  6ch / 9ch Stereo Input Selectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3841FS Datasheet(HTML) 5 Page - Rohm

  BD3841FS Datasheet HTML 1Page - Rohm BD3841FS Datasheet HTML 2Page - Rohm BD3841FS Datasheet HTML 3Page - Rohm BD3841FS Datasheet HTML 4Page - Rohm BD3841FS Datasheet HTML 5Page - Rohm BD3841FS Datasheet HTML 6Page - Rohm BD3841FS Datasheet HTML 7Page - Rohm BD3841FS Datasheet HTML 8Page - Rohm BD3841FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
BD3843FS,BD3841FS
Block diagram, application circuit
1)BD3843FS)
(both power sources)
Fig.2
2)BD3841FS
(both power sources)
Fig.3
UNIT
RESISTANCE:Ω
CAPACITOR:F
* F-SW1:INPUT FUNCTION1
F-SW2:INPUT FUNCTION2
30
29
31
32
24
23
25
26
27
28
18
17
19
20
21
22
15
16
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LOGIC
22
23
24
16
15
17
18
19
20
13
14
21
12
11
10
9
8
7
6
5
4
3
2
1
LOGIC


Número de pieza similar - BD3841FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3841FS ROHM-BD3841FS Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
More results

Descripción similar - BD3841FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3843FS ROHM-BD3843FS_1 Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
logo
Renesas Technology Corp
M61531FP RENESAS-M61531FP Datasheet
359Kb / 20P
   6ch Electronic Volume with 10 Input Selectors
logo
Rohm
BD3452KS ROHM-BD3452KS Datasheet
224Kb / 6P
   8ch Volume with 9ch input selector
logo
Asahi Kasei Microsystem...
AP4202 AKM-AP4202 Datasheet
1Mb / 28P
   100mA 9ch LED
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3818KS ROHM-BD3818KS Datasheet
238Kb / 6P
   6ch Volume with 5ch input selector
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com