Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWP-20A14FI Datasheet(PDF) 11 Page - Cooper Bussmann, Inc.

No. de pieza FWP-20A14FI
Descripción Electrónicos  Ferrule fuses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COOPER [Cooper Bussmann, Inc.]
Página de inicio  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWP-20A14FI Datasheet(HTML) 11 Page - Cooper Bussmann, Inc.

Back Button FWP-20A14FI Datasheet HTML 7Page - Cooper Bussmann, Inc. FWP-20A14FI Datasheet HTML 8Page - Cooper Bussmann, Inc. FWP-20A14FI Datasheet HTML 9Page - Cooper Bussmann, Inc. FWP-20A14FI Datasheet HTML 10Page - Cooper Bussmann, Inc. FWP-20A14FI Datasheet HTML 11Page - Cooper Bussmann, Inc. FWP-20A14FI Datasheet HTML 12Page - Cooper Bussmann, Inc. FWP-20A14FI Datasheet HTML 13Page - Cooper Bussmann, Inc. FWP-20A14FI Datasheet HTML 14Page - Cooper Bussmann, Inc. FWP-20A14FI Datasheet HTML 15Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
206
High Speed Fuses
Ferrule — FWC 600V: 6-32A
10
3
10
4
10
2
10
–1
10
–2
10
–3
10
–4
10
1
2
24
6
8
2
10
2
24
6
8 103
2
4
6
2
6
4
10
0
2
6
4
10
1
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
Prospective Current In Amps RMS
FWC-10A10F
FWC-30A10F & FWC-32A10F
FWC-20A10F
FWC-25A10F
FWC-12A10F
FWC-16A10F
FWC-8A10F
FWC-6A10F
Prospective Short-Circuit Current Symmetrical RMS
2
4
2
6
6
4
2
6
4
24
6
2
4
6
24
6
2
46
10
1
10
2
10
3
10
4
10
1
10
2
10
3
10
4
10
5
FWC-6A10F
FWC-8A10F
FWC-10A10F
FWC-12A10F
FWC-16A10F
FWC-20A10F
FWC-25A10F
FWC-30A10F & FWC-32A10F
Peak Let-Through Curve
FWC 6-32A: 600V (10 x 38mm)
Time-Current Curve
Data Sheet: 35785306


Número de pieza similar - FWP-20A14FI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
More results

Descripción similar - FWP-20A14FI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
   5mm 횇 25mm Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com