Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ILC5061AM28X Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza ILC5061AM28X
Descripción Electrónicos  Power Supply reset Monitor with 1% Precision
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5061AM28X Datasheet(HTML) 7 Page - Fairchild Semiconductor

  ILC5061AM28X Datasheet HTML 1Page - Fairchild Semiconductor ILC5061AM28X Datasheet HTML 2Page - Fairchild Semiconductor ILC5061AM28X Datasheet HTML 3Page - Fairchild Semiconductor ILC5061AM28X Datasheet HTML 4Page - Fairchild Semiconductor ILC5061AM28X Datasheet HTML 5Page - Fairchild Semiconductor ILC5061AM28X Datasheet HTML 6Page - Fairchild Semiconductor ILC5061AM28X Datasheet HTML 7Page - Fairchild Semiconductor ILC5061AM28X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. 2.5 1/2/03
7
PRODUCT SPECIFICATION
ILC5061
Ordering Information
PART
NUMBER
TOP
MARKING
RESET
THRESHOLD (V)
OUTPUT
TYPE
PACKAGE
PACKING
METHOD
ILC5061AM23X
M3AY
2.3 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM25X
M5AY
2.5 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM26X
M6AY
2.6 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM27X
M7AY
2.7 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM28X
M8AY
2.8 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM29X
M9AY
2.9 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM31X
N1AY
3.1 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM32X
N2AY
3.2 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM34X
N4AY
3.4 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM37X
N7AY
3.7 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM44X
P4AY
4.4 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061AM46X
P6AY
4.6 ± 1 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M23X
M3Y
2.3 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M25X
M5Y
2.5 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M26X
M6Y
2.6 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M27X
M7Y
2.7 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M28X
M8Y
2.8 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M29X
M9Y
2.9 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M31X
N1Y
3.1 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M32X
N2Y
3.2 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M34X
N4Y
3.4 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M37X
N7Y
3.7 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M44X
P4Y
4.4 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
ILC5061M46X
P6Y
4.6 ± 2 %
Open-Drain, active low 3-Pin, SOT23
3K units in T&R
Note 1:Last digit in the "Top Marking" information (represented by "Y" in the above table) represents internal assembly lot
number
Note 2:Orientation of Tape & Reeled devices is Right.


Número de pieza similar - ILC5061AM28X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Impala Linear Corporati...
ILC5061AM-26 IMPALA-ILC5061AM-26 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-27 IMPALA-ILC5061AM-27 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-28 IMPALA-ILC5061AM-28 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-29 IMPALA-ILC5061AM-29 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-31 IMPALA-ILC5061AM-31 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
More results

Descripción similar - ILC5061AM28X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
ADM709 AD-ADM709 Datasheet
224Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com