Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDZ27J Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDZ27J
Descripción Electrónicos  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDZ27J Datasheet(HTML) 3 Page - NXP Semiconductors

  TDZ27J Datasheet HTML 1Page - NXP Semiconductors TDZ27J Datasheet HTML 2Page - NXP Semiconductors TDZ27J Datasheet HTML 3Page - NXP Semiconductors TDZ27J Datasheet HTML 4Page - NXP Semiconductors TDZ27J Datasheet HTML 5Page - NXP Semiconductors TDZ27J Datasheet HTML 6Page - NXP Semiconductors TDZ27J Datasheet HTML 7Page - NXP Semiconductors TDZ27J Datasheet HTML 8Page - NXP Semiconductors TDZ27J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TDZXJ_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 29 July 2011
3 of 12
NXP Semiconductors
TDZxJ series
Single Zener diodes
5.
Limiting values
[1]
tp =100 s; square wave; Tj =25 C before surge.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 16 mm2.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 16 mm2.
[2]
Soldering point of cathode tab.
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
250
mA
IZSM
non-repetitive peak
reverse current
[1] -see
Table 8
and 10
PZSM
non-repetitive peak
reverse power dissipation
[1]
TDZ2V4J to TDZ5V6J
-
180
W
TDZ6V2J to TDZ6V8J
-
100
W
TDZ7V5J to TDZ30J
-
40
W
Ptot
total power dissipation
Tamb  25 C
[2] -500
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] --250
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[2] --25
K/W
Table 7.
Characteristics
Tj =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF =10mA
-
-
0.9
V
IF =100 mA
-
-
1.1
V


Número de pieza similar - TDZ27J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
TDZ27J NEXPERIA-TDZ27J Datasheet
997Kb / 12P
   Single Zener diodes
TDZ27J NEXPERIA-TDZ27J Datasheet
995Kb / 12P
   Single Zener diodes
Rev. 2 - 29 July 2011
More results

Descripción similar - TDZ27J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com