Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CB167E0824 Datasheet(PDF) 8 Page - AVX Corporation |
|
CB167E0824 Datasheet(HTML) 8 Page - AVX Corporation |
8 / 19 page 27 VOLTAGE Vdc: 100V Vac: 63V Capacitance Chip Dimensions Reel Range Ordering *Tolerances Tape Dimensions Reel Dimensions Packaging Unit Pkg (CR) Code (page 6) Code L W H max T W P1 K0 A W1 W2 max Bulk Reel 0.082 CB037E0823+ -- 4.70 3.20 2.50 0.60 12.0 8.00 2.60 330 12.4 18.4 1500 3600 BC (0.185) (0.126) (0.099) (0.024) (0.472) (0.315) (0.102) (12.99) (0.488) (0.724) 0.100μF CB037E0104+ -- 4.70 3.20 3.00 0.60 12.0 8.00 3.10 180 12.4 18.4 1500 700 BA (0.185) (0.126) (0.118) (0.024) (0.472) (0.315) (0.122) (7.087) (0.488) (0.724) 4.70 3.20 3.00 0.60 12.0 8.00 3.10 330 12.4 18.4 1500 3000 BC (0.185) (0.126) (0.118) (0.024) (0.472) (0.315) (0.122) (12.99) (0.488) (0.724) 0.120 CB047E0124+ -- 5.80 5.00 4.00 0.80 12.0 8.00 4.10 330 12.4 18.4 1500 2300 BC (0.228) (0.195) (0.158) (0.032) (0.472) (0.315) (0.162) (12.99) (0.488) (0.724) 0.150 CB047E0154+ -- 5.80 5.00 3.30 0.80 12.0 8.00 3.45 330 12.4 18.4 1500 2800 BC (0.228) (0.195) (0.130) (0.032) (0.472) (0.315) (0.136) (12.99) (0.488) (0.724) 0.180 CB047E0184+ -- 5.80 5.00 3.00 0.80 12.0 8.00 3.10 330 12.4 18.4 1500 3000 BC (0.228) (0.195) (0.118) (0.032) (0.472) (0.315) (0.122) (12.99) (0.488) (0.724) 0.220 CB047E0224+ -- 5.80 5.00 4.00 0.80 12.0 8.00 4.10 330 12.4 18.4 1500 2300 BC (0.228) (0.195) (0.158) (0.032) (0.472) (0.315) (0.162) (12.99) (0.488) (0.724) 0.330 CB047E0334+ -- 5.80 5.00 4.00 0.80 16.0 8.00 4.10 330 16.4 22.4 1500 2300 BC (0.228) (0.195) (0.158) (0.032) (0.629) (0.315) (0.162) (12.99) (0.645) (0.881) 0.47* CB057E0474+ -- 7.30 6.10 4.50 0.80 16.0 12.0 4.80 330 16.4 22.4 1000 1800 BC (0.287) (0.240) (0.177) (0.032) (0.629) (0.472) (0.189) (12.99) (0.645) (0.881) 0.56* CB057E0564+ -- 7.30 6.10 4.00 0.80 16.0 12.0 4.10 330 16.4 22.4 1000 2300 BC (0.287) (0.240) (0.158) (0.032) (0.629) (0.472) (0.162) (12.99) (0.645) (0.881) 0.68* CB057E0684+ -- 7.30 6.10 4.50 0.80 16.0 12.0 4.80 330 16.4 22.4 1000 1800 BC (0.287) (0.240) (0.177) (0.032) (0.629) (0.472) (0.189) (12.99) (0.645) (0.881) 0.82 CB167E0824+ -- 10.5 7.6 5.80 0.80 24.0 12.0 6.19 330 24.4 30.4 500 900 BC (0.413) (0.299) (0.229) (0.032) (0.944) (0.472) (0.244) (12.99) (0.961) (1.196) 1 CB167E0105+ -- 10.5 7.60 6.00 0.80 24.0 12.0 6.19 330 24.4 30.4 500 900 BC (0.413) (0.299) (0.237) (0.032) (0.944) (0.472) (0.244) (12.99) (0.961) (1.196) 1.5 CB177E0155+ -- 12.8 10.2 5.50 0.80 24.0 16.0 5.70 330 24.4 30.4 300 700 BC (0.503) (0.402) (0.217) (0.032) (0.944) (0.629) (0.224) (12.99) (0.961) (1.196) 2.2 CB177E0225+ -- 12.8 10.2 6.90 0.80 24.0 16.0 7.00 330 24.4 30.4 300 600 BC (0.503) (0.402) (0.272) (0.032) (0.944) (0.629) (0.274) (12.99) (0.961) (1.196) 3.3 CB187E0335+ -- 15.3 13.7 7.10 0.80 24.0 24.0 7.60 330 24.4 30.4 300 300 BC (0.601) (0.539) (0.280) (0.032) (0.944) (0.944) (0.299) (12.99) (0.961) (1.196) VOLTAGE Vdc: 250V Vac: 160V 0.001μF CB037G0102+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0012 CB037G0122+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0015 CB037G0152+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0018 CB037G0182+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) Film Chip Capacitors PEN DIELECTRIC – CB Series CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR) millimeters (inches) W L H T For other Values: upon request *Special length: 7.3 +0.7/-0.3 (0.287 +0.026/-0.012) Replace the + by the tolerance code: J = 5% or K = 10% Replace the -- by the packaging suffix: -- = bulk BA or BC = tape & reel |
Número de pieza similar - CB167E0824 |
|
Descripción similar - CB167E0824 |