Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5276B Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 1N5276B
Descripción Electrónicos  Zeners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5276B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N5276B Datasheet HTML 1Page - Fairchild Semiconductor 1N5276B Datasheet HTML 2Page - Fairchild Semiconductor 1N5276B Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5221B-1N5279B Rev. E
2003 Fairchild Semiconductor Corporation
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
Tolerance = 5%
Electrical Characteristics
T
A = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
**Non-recurrent square wave PW= 8.3 ms, TA= 50 degrees C.
Zeners
1N5221B - 1N5279B
Symbol
Parameter
Value
Units
PD
Power Dissipation
Derate above 75
°C
500
4.0
mW
mW/
°C
T
STG
Storage Temperature Range
-65 to +200
°C
TJ
Maximum Junction Operating Temperature
+ 200
°C
Lead Temperature (1/16” from case for 10
seconds)
+ 230
°C
DO-35 Glass case
COLOR BAND DENOTES CATHODE
Device
V
Z
(V)
Z
Z
(
Ω)
I
Z
(mA)
Z
ZK
(
Ω)
I
ZK
(mA)
I
R
(
µµµµA)
V
R
(V)
T
C
(%/
°°°°C)
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
2.4
2.5
2.7
2.8
3.0
30
30
30
30
29
20
20
20
20
20
1,200
1,250
1,300
1,400
1,600
0.25
0.25
0.25
0.25
0.25
100
100
75
75
50
1.0
1.0
1.0
1.0
1.0
- 0.085
- 0.085
- 0.080
- 0.080
- 0.075
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
3.3
3.6
3.9
4.3
4.7
28
24
23
22
19
20
20
20
20
20
1,600
1,700
1,900
2,000
1,900
0.25
0.25
0.25
0.25
0.25
25
15
10
5.0
2.0
1.0
1.0
1.0
1.0
1.0
- 0.07
- 0.065
- 0.06
+/- 0.055
+/- 0.03
1N5231B
1N5232B
1N5233B
1N5234B
1N5235BT
5.1
5.6
6.0
6.2
6.8
17
11
7.0
7.0
5.0
20
20
20
20
20
1,600
1,600
1,600
1,000
750
0.25
0.25
0.25
0.25
0.25
2.0
3.0
3.5
4.0
5.0
2.0
3.0
3.5
4.0
5.0
+/- 0.03
0.038
0.038
0.045
0.05
1N5236BT
1N5237BT
1N5238BT
1N5239BT
1N5240BT
7.5
8.2
8.7
9.1
10
6.0
8.0
8.0
10
17
20
20
20
20
20
500
500
600
600
600
0.25
0.25
0.25
0.25
0.25
6.0
6.5
6.5
7.0
8.0
6.0
6.5
6.5
7.0
8.0
0.058
0.062
0.065
0.068
0.075
1N5241BT
1N5242BT
1N5243BT
1N5244BT
1N5245BT
11
12
13
14
15
22
30
13
15
16
20
20
9.5
9.0
8.5
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
8.4
0.1
0.1
0.1
0.1
8.4
9.1
9.9
10
11
0.076
0.077
0.079
0.080
0.082
@
@
@


Número de pieza similar - 1N5276B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N5276B FAIRCHILD-1N5276B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
Yea Shin Technology Co....
1N5276B YEASHIN-1N5276B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Central Semiconductor C...
1N5276B CENTRAL-1N5276B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
Sangdest Microelectroni...
1N5276B SMC-1N5276B Datasheet
294Kb / 5P
   ZENER DIODES
logo
Fairchild Semiconductor
1N5276B FAIRCHILD-1N5276B Datasheet
193Kb / 4P
   Zeners
More results

Descripción similar - 1N5276B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com