Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CB037G0822 Datasheet(PDF) 10 Page - AVX Corporation |
|
CB037G0822 Datasheet(HTML) 10 Page - AVX Corporation |
10 / 19 page 29 VOLTAGE Vdc: 250V Vac: 160V Capacitance Chip Dimensions Reel Range Ordering *Tolerances Tape Dimensions Reel Dimensions Packaging Unit Pkg (CR) Code (page 6) Code L W H max T W P1 K0 A W1 W2 max Bulk Reel 0.022 CB037G0223+ -- 4.70 3.20 2.90 0.60 12.0 8.00 3.10 180 12.4 18.4 1500 700 BA (0.185) (0.126) (0.114) (0.024) (0.472) (0.315) (0.122) (7.087) (0.488) (0.724) 4.70 3.20 2.90 0.60 12.0 8.00 3.10 330 12.4 18.4 1500 3000 BC (0.185) (0.126) (0.114) (0.024) (0.472) (0.315) (0.122) (12.99) (0.488) (0.724) 0.027 CB047G0273+ -- 5.80 5.00 1.80 0.80 12.0 8.00 2.43 330 12.4 18.4 1500 3500 BC (0.228) (0.195) (0.071) (0.032) (0.472) (0.315) (0.096) (12.99) (0.488) (0.724) 0.033 CB047G0333+ -- 5.80 5.00 2.20 0.80 12.0 8.00 2.43 330 12.4 18.4 1500 3500 BC (0.228) (0.195) (0.087) (0.032) (0.472) (0.315) (0.096) (12.99) (0.488) (0.724) 0.047 CB047G0473+ -- 5.80 5.00 2.90 0.80 12.0 8.00 3.10 330 12.4 18.4 1500 3000 BC (0.228) (0.195) (0.114) (0.032) (0.472) (0.315) (0.122) (12.99) (0.488) (0.724) 0.056 CB047G0563+ -- 5.80 5.00 2.90 0.80 12.0 8.00 3.10 330 12.4 18.4 1500 3000 BC (0.228) (0.195) (0.114) (0.032) (0.472) (0.315) (0.122) (12.99) (0.488) (0.724) 0.068 CB047G0683+ -- 5.80 5.00 4.00 0.80 12.0 8.00 4.10 330 12.4 18.4 1500 2300 BC (0.228) (0.195) (0.158) (0.032) (0.472) (0.315) (0.161) (12.99) (0.488) (0.724) 0.082 CB047G0823+ -- 5.80 5.00 4.50 0.80 16.0 8.00 4.60 330 16.4 22.4 1500 1900 BC (0.228) (0.195) (0.177) (0.032) (0.629) (0.315) (0.181) (12.99) (0.645) (0.881) 0.100μF CB047G0104+ -- 5.80 5.00 4.50 0.80 16.0 8.00 4.60 330 16.4 22.4 1500 1900 BC (0.228) (0.195) (0.177) (0.032) (0.629) (0.315) (0.181) (12.99) (0.645) (0.881) 0.120 CB057G0124+ -- 7.20 6.10 3.90 0.80 24.0 12.0 4.80 330 24.4 30.4 1000 1800 BC (0.283) (0.240) (0.153) (0.032) (0.944) (0.472) (0.189) (12.99) (0.961) (1.196) 0.150 CB057G0154+ -- 7.20 6.10 4.70 0.80 16.0 12.0 4.80 330 16.4 22.4 1000 1800 BC (0.283) (0.240) (0.185) (0.032) (0.629) (0.472) (0.189) (12.99) (0.645) (0.881) 0.180 CB057G0184+ -- 7.20 6.10 5.00 0.80 16.0 12.0 5.23 330 16.4 22.4 1000 1100 BC (0.283) (0.240) (0.197) (0.032) (0.629) (0.472) (0.206) (12.99) (0.645) (0.881) 0.22μF CB057G0224+ -- 7.20 6.10 5.70 0.80 16.0 12.0 5.90 330 16.4 22.4 1000 900 BC (0.283) (0.240) (0.225) (0.032) (0.629) (0.472) (0.232) (12.99) (0.645) (0.881) 0.330 CB167G0334+ -- 10.5 7.60 6.10 0.80 24.0 12.0 6.19 330 24.4 30.4 500 900 BC (0.413) (0.299) (0.240) (0.032) (0.944) (0.472) (0.244) (12.99) (0.961) (1.196) 0.470 CB177G0474+ -- 12.8 10.2 5.50 0.80 24.0 16.0 5.70 330 24.4 30.4 300 700 BC (0.503) (0.402) (0.205) (0.032) (0.944) (0.629) (0.224) (12.99) (0.961) (1.196) 0.560 CB177G0564+ -- 12.8 10.2 6.00 0.80 24.0 16.0 5.70 330 24.4 30.4 300 700 BC (0.503) (0.402) (0.236) (0.032) (0.944) (0.629) (0.224) (12.99) (0.961) (1.196) 0.680 CB187G0684+ -- 15.3 13.7 4.30 0.80 24.0 24.0 4.50 330 24.4 30.4 300 600 BC (0.601) (0.539) (0.169) (0.032) (0.944) (0.944) (0.177) (12.99) (0.961) (1.196) 1μF CB187G0105+ -- 15.3 13.7 6.40 0.80 24.0 24.0 6.30 330 24.4 30.4 300 400 BC (0.601) (0.539) (0.252) (0.032) (0.944) (0.944) (0.248) (12.99) (0.961) (1.196) VOLTAGE Vdc: 400V Vac: 200V 0.001μF CB037I0102+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0012 CB037I0122+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0015 CB037I0152+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) Film Chip Capacitors PEN DIELECTRIC – CB Series CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR) millimeters (inches) W L H T For other Values: upon request Replace the + by the tolerance code: J = 5% or K = 10% Replace the -- by the packaging suffix: -- = bulk BA or BC = tape & reel |
Número de pieza similar - CB037G0822 |
|
Descripción similar - CB037G0822 |