Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CB037G0123 Datasheet(PDF) 9 Page - AVX Corporation |
|
CB037G0123 Datasheet(HTML) 9 Page - AVX Corporation |
9 / 19 page 28 VOLTAGE Vdc: 250V Vac: 160V Capacitance Chip Dimensions Reel Range Ordering *Tolerances Tape Dimensions Reel Dimensions Packaging Unit Pkg (CR) Code (page 6) Code L W H max T W P1 K0 A W1 W2 max Bulk Reel 0.0018 CB037G0182+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0022 CB037G0222+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0027 CB037G0272+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0033 CB037G0332+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0047 CB037G0472+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0056 CB037G0562+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0068 CB037G0682+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0082 CB037G0822+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.010μF CB037G0103+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.012 CB037G0123+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.015 CB037G0153+ -- 4.70 3.20 2.40 0.60 12.0 8.00 2.60 180 12.4 18.4 1500 900 BA (0.185) (0.126) (0.094) (0.024) (0.472) (0.315) (0.102) (7.087) (0.488) (0.724) 4.70 3.20 2.40 0.60 12.0 8.00 2.60 330 12.4 18.4 1500 3600 BC (0.185) (0.126) (0.094) (0.024) (0.472) (0.315) (0.102) (12.99) (0.488) (0.724) 0.018 CB037G0183+ -- 4.70 3.20 2.50 0.60 12.0 8.00 2.60 180 12.4 18.4 1500 900 BA (0.185) (0.126) (0.099) (0.024) (0.472) (0.315) (0.102) (7.087) (0.488) (0.724) 4.70 3.20 2.50 0.60 12.0 8.00 2.60 330 12.4 18.4 1500 3600 BC (0.185) (0.126) (0.099) (0.024) (0.472) (0.315) (0.102) (12.99) (0.488) (0.724) Film Chip Capacitors PEN DIELECTRIC – CB Series CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR) millimeters (inches) W L H T For other Values: upon request Replace the + by the tolerance code: J = 5% or K = 10% Replace the -- by the packaging suffix: -- = bulk BA or BC = tape & reel |
Número de pieza similar - CB037G0123 |
|
Descripción similar - CB037G0123 |