Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BFC233626223 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza BFC233626223
Descripción Electrónicos  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233626223 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFC233626223 Datasheet HTML 2Page - Vishay Siliconix BFC233626223 Datasheet HTML 3Page - Vishay Siliconix BFC233626223 Datasheet HTML 4Page - Vishay Siliconix BFC233626223 Datasheet HTML 5Page - Vishay Siliconix BFC233626223 Datasheet HTML 6Page - Vishay Siliconix BFC233626223 Datasheet HTML 7Page - Vishay Siliconix BFC233626223 Datasheet HTML 8Page - Vishay Siliconix BFC233626223 Datasheet HTML 9Page - Vishay Siliconix BFC233626223 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MKP336 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 18-Dec-12
6
Document Number: 28120
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) H = In-tape height; P0 = sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
ELECTRICAL DATA AND ORDERING CODE - PITCH 22.5 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1)(2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
± 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
310
PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 20 %
0.15
6.0 x 15.5 x 26.0
2.4
29041
29277
300
29087
500
29044
600
0.22
29051
29278
29093
29053
550
0.33
20334
29147
26334
23334
450
0.47
7.0 x 16.5 x 26.0
2.9
20474
29148
200
26474
500
23474
400
PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
0.12
6.0 x 15.5 x 26.0
2.4
29037
-
300
29085
500
29039
600
0.15
29042
29285
29088
29045
0.18
29047
-
29091
29049
550
0.22
29052
29286
29094
29054
0.27
21274
-
27274
24274
450
0.33
21334
29171
27334
24334
0.39
7.0 x 16.5 x 26.0
2.9
21394
-
200
27394
24394
400
0.47
21474
29172
27474
24474
PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 5 %
0.12
6.0 x 15.5 x 26.0
2.4
29038
-
300
29086
500
29064
600
0.15
29043
-
29089
29046
0.18
29048
-
29092
29065
550
0.22
22224
-
28224
25224
0.27
22274
-
28274
25274
450
0.33
7.0 x 16.5 x 26.0
2.9
22334
-
200
28334
25334
0.39
22394
-
28394
25394
400


Número de pieza similar - BFC233626223

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BFC2336262 VISHAY-BFC2336262 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
More results

Descripción similar - BFC233626223

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com