Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP0610K-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TP0610K-T1-E3
Descripción Electrónicos  P-Channel 60 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610K-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  TP0610K-T1-E3 Datasheet HTML 1Page - Vishay Siliconix TP0610K-T1-E3 Datasheet HTML 2Page - Vishay Siliconix TP0610K-T1-E3 Datasheet HTML 3Page - Vishay Siliconix TP0610K-T1-E3 Datasheet HTML 4Page - Vishay Siliconix TP0610K-T1-E3 Datasheet HTML 5Page - Vishay Siliconix TP0610K-T1-E3 Datasheet HTML 6Page - Vishay Siliconix TP0610K-T1-E3 Datasheet HTML 7Page - Vishay Siliconix TP0610K-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 71411
S10-1476-Rev. H, 05-Jul-10
www.vishay.com
3
Vishay Siliconix
TP0610K
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0.0
0.2
0.4
0.6
0.8
1.0
012345
VDS - Drain-to-Source Voltage (V)
VGS = 10 V
5 V
4 V
6 V
7 V
8 V
0
4
8
12
16
20
0
200
400
600
800
1000
ID - Drain Current (mA)
VGS = 4.5 V
VGS = 10 V
VGS = 5 V
0
3
6
9
12
15
0.0
0.3
0.6
0.9
1.2
1.5
1.8
ID = 500 mA
Qg - Total Gate Charge (nC)
VDS = 30 V
VDS = 48 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
300
600
900
1200
0246
8
10
VGS - Gate-to-Source Voltage (V)
TJ = - 55 °C
125 °C
25 °C
0
8
16
24
32
40
0
5
10
15
20
25
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VGS = 0 V
0.0
0.3
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS = 10 V at 500 mA
VGS = 4.5 V at 25 mA


Número de pieza similar - TP0610K-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
TP0610K-T1-E3 VBSEMI-TP0610K-T1-E3 Datasheet
987Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Descripción similar - TP0610K-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com