Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM320T-15 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
LM320T-15 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 22 page LM120, LM320-N www.ti.com SNVS756C – APRIL 1998 – REVISED APRIL 2013 LM120K-15 AND LM320K-15 ELECTRICAL CHARACTERISTICS (continued) Metal Can Package Order Numbers LM120K-15 LM320K-15 (TO-3) (TO-3) Units Design Output Current (ID) 1A Device Dissipation (PD) 20W Parameter Conditions (1) Min Typ Max Min Typ Max Quiescent Current TJ = 25°C Change VMIN ≤ VIN ≤ VMAX 0.1 0.4 0.1 0.4 mA 5 mA ≤ ILOAD ≤ ID 0.1 0.4 0.1 0.4 mA Output Noise Voltage TA = 25°C, CL = 1 μF, IL = 5 mA, 400 400 μV VIN = 20V, 10 Hz ≤ f ≤ 100 kHz Long Term Stability 15 150 15 150 mV Thermal Resistance Junction to Case 3 3 °C/W Junction to Ambient 35 35 °C/W LM120H-15 ELECTRICAL CHARACTERISTICS Metal Can Package Order Numbers LM120H-15 (TO) Units Design Output Current (ID) 0.2A Device Dissipation (PD) 2W Parameter Conditions (1) Min Typ Max Output Voltage TJ = 25°C, VIN = 20V, −15.3 −15 −14.7 V ILOAD = 5 mA Line Regulation TJ = 25°C, ILOAD = 5 mA, 5 10 mV VMIN ≤ VIN ≤ VMAX Input Voltage −35 −17 V Ripple Rejection f = 120 Hz 56 80 dB Load Regulation, TJ = 25°C, VIN = 20V, 10 25 mV (2) 5 mA ≤ ILOAD ≤ ID Output Voltage, 17.5V ≤ VIN ≤ VMAX, −15.5 −14.5 V (1) 5 mA ≤ ILOAD ≤ ID, P ≤ PD Quiescent Current VMIN ≤ VIN ≤ VMAX 2 4 mA Quiescent Current TJ = 25°C Change VMIN ≤ VIN ≤ VMAX 0.05 0.4 mA 5 mA ≤ ILOAD ≤ ID 0.03 0.4 mA Output Noise Voltage TA = 25°C, CL = 1 μF, IL = 5 mA, 400 μV VIN = 20V, 10 Hz ≤ f ≤ 100 kHz Long Term Stability 15 150 mV Thermal Resistance Junction to Case (3) °C/W Junction to Ambient (3) °C/W (1) This specification applies over −55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N. (2) Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account separately. To ensure constant junction temperature, low duty cycle, pulse testing is used. The LM120/LM320-N series does have low thermal feedback, improving line and load regulation. On all other tests, even though power dissipation is internally limited, electrical specifications apply only up to PD. (3) Thermal resistance of typically 85°C/W (in 400 linear feet/min air flow), 224°C/W (in static air) junction to ambient, of typically 21°C/W junction to case. Copyright © 1998–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM120 LM320-N |
Número de pieza similar - LM320T-15 |
|
Descripción similar - LM320T-15 |