Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA2902FVTR Datasheet(PDF) 4 Page - Rohm |
|
BA2902FVTR Datasheet(HTML) 4 Page - Rohm |
4 / 30 page Datasheet www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RAR1G200110-1-2 TSZ22111・15・001 4/27 21.Jan.2013 Rev.002 BA2904Yxxx-C, BA2902Yxx-C ●Electrical Characteristics ○BA2904Yxxx-C (Unless otherwise specified VCC=+5V, VEE=0V) *8 Absolute value *9 Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. Parameter Symbol Temperature Range Limits Unit Conditions Min. Typ. Max. Input Offset Voltage *8 Vio 25℃ - 2 4 mV OUT=1.4V Full range - - 4 VCC=5 to 30V,OUT=1.4V Input Offset Current *8 Iio 25℃ - 2 50 nA OUT=1.4V Full range - - 50 Input Bias Current *8 Ib 25℃ - 20 60 nA OUT=1.4V Full range - - 100 Supply Current ICC 25℃ - 0.5 1.2 mA RL= ∞,All Op-Amps Full range - - 1.2 Maximum Output Voltage (High) VOH 25℃ 3.5 - - V RL=2k Ω Full range 3.2 - - 27 28 - VCC=30V,RL=10k Ω Maximum Output Voltage(Low) VOL Full range - 5 20 mV RL= ∞,All Op-Amps Large Signal Voltage Gain Av 25℃ 25 100 - V/mV RL≧2k Ω,VCC=15V OUT=1.4 to 11.4V Full range 25 - - Input Common-mode Voltage range Vicm 25℃ 0 - VCC-1.5 V (VCC-VEE)=5V, OUT=VEE+1.4V Full range 0 - VCC-2.0 Common-mode Rejection Ratio CMRR 25℃ 65 80 - dB OUT=1.4V Power Supply Rejection Ratio PSRR 25℃ 65 100 - dB VCC=5~30V Output Source Current *9 Isource 25℃ 20 30 - mA VIN+=1V,VIN-=0V OUT=0V 1CH is short circuit Full range 10 - - Output Sink Current *9 Isink 25℃ 10 20 - mA VIN+=0V,VIN-=1V OUT=5V 1CH is short circuit Full range 2 - - 25℃ 12 40 - μA VIN+=0V,VIN-=1V OUT=200mV Slew Rate SR 25℃ - 0.2 - V/ μs VCC=15V, Av=0dB RL=2k Ω, CL=100pF Gain bandwidth product GBW 25℃ - 0.5 - MHz VCC=30V, RL=2k Ω CL=100pF Channel Separation CS 25℃ - 120 - dB f=1kHz, input referred |
Número de pieza similar - BA2902FVTR |
|
Descripción similar - BA2902FVTR |