Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA4580YFVTR Datasheet(PDF) 7 Page - Rohm |
|
BA4580YFVTR Datasheet(HTML) 7 Page - Rohm |
7 / 30 page Datasheet www.rohm.com TSZ02201-0RAR1G200500-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 7/27 25.Mar.2013 Rev.002 TSZ22111・15・001 BA4580Yxxx-M, BA4584YFV-M ●Typical Performance Curves ○ BA4580Yxxx-M (*) The above data is measurement value of typical sample, it is not guaranteed. Figure 5. Maximum Output Voltage Swing - Load Resistance (VCC/VEE=+15V/-15V,Ta=25℃) 0 5 10 15 20 25 30 0.1 1 10 LOAD RESISTANCE [k Ω] Figure 4. Supply Current - Ambient Temperature 0.0 2.0 4.0 6.0 8.0 10.0 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [ ℃] ±2 V ±15V ±7.5 V Figure 2. Derating Curve 0 200 400 600 800 1000 025 50 75 100 125 AMBI ENT TEMPERATURE [℃] . BA4580YF-M BA4580YFVM-M Figure 3. Supply Current - Supply Voltage 105 0 2 4 6 8 10 ±0 ±5 ±10 ±15 ±20 SUPPLY VOLTAGE [V] 25℃ 105℃ -40℃ |
Número de pieza similar - BA4580YFVTR |
|
Descripción similar - BA4580YFVTR |