Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8109ASTZ2 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD8109ASTZ2
Descripción Electrónicos  325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8109ASTZ2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8109ASTZ2 Datasheet HTML 7Page - Analog Devices AD8109ASTZ2 Datasheet HTML 8Page - Analog Devices AD8109ASTZ2 Datasheet HTML 9Page - Analog Devices AD8109ASTZ2 Datasheet HTML 10Page - Analog Devices AD8109ASTZ2 Datasheet HTML 11Page - Analog Devices AD8109ASTZ2 Datasheet HTML 12Page - Analog Devices AD8109ASTZ2 Datasheet HTML 13Page - Analog Devices AD8109ASTZ2 Datasheet HTML 14Page - Analog Devices AD8109ASTZ2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD8108/AD8109
Rev. B | Page 10 of 32
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 5, 7, 9, 11, 13, 15
INxx
Analog Inputs. xx = Channels 00 through 07.
57
DATA IN
Serial Data Input, TTL Compatible.
58
CLK
Clock, TTL Compatible. Falling edge triggered.
59
DATA OUT
Serial Data Output, TTL Compatible.
56
UPDATE
Enable (Transparent) Low. Allows serial register to connect directly to switch matrix. Data
latched when high.
61
RESET
Disable Outputs, Active Low.
60
CE
Chip Enable, Enable Low. Must be low to clock in and latch data.
55
SER/PAR
Selects Serial Data Mode, Low or Parallel, High. Must be connected.
41, 38, 35, 32, 29, 26, 23, 20
OUTyy
Analog Outputs. yy = Channels 00 through 07.
2, 4, 6, 8, 10, 12, 14, 16, 46
AGND
Analog Ground for Inputs and Switch Matrix.
63, 79
DVCC
5 V for Digital Circuitry
62, 80
DGND
Ground for Digital Circuitry
17, 45
AVEE
−5 V for Inputs and Switch Matrix.
18, 44
AVCC
+5 V for Inputs and Switch Matrix.
42, 39, 36, 33, 30, 27, 24, 21
AGNDxx
Ground for Output Amp. xx = Output Channels 00 through 07. Must be connected.
43, 37, 31, 25, 19
AVCCxx/yy
+5 V for Output Amplifier that is Shared by Channels xx and yy. Must be connected.
40, 34, 28, 22
AVEExx/yy
−5 V for Output Amplifier that is Shared by Channels xx and yy. Must be connected.
54
A0
Parallel Data Input, TTL Compatible (output select LSB).
53
A1
Parallel Data Input, TTL Compatible (output select).
52
A2
Parallel Data Input, TTL Compatible (output select MSB).
51
D0
Parallel Data Input, TTL Compatible (input select LSB).
50
D1
Parallel Data Input, TTL Compatible (input select).
49
D2
Parallel Data Input, TTL Compatible (input select MSB).
48
D3
Parallel Data Input, TTL Compatible (output enable).
47, 64 to 78
NC
No Connect.


Número de pieza similar - AD8109ASTZ2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8109ASTZ AD-AD8109ASTZ Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
More results

Descripción similar - AD8109ASTZ2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com