Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576T-15 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

No. de pieza LM2576T-15
Descripción Electrónicos  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576T-15 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  LM2576T-15 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576T-15 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576T-15 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576T-15 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576T-15 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576T-15 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576T-15 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576T-15 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM2576 Series
Electrical Characteristics LM2576 -12, LM2576HV-12
12
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS
(Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =25V, ILOAD =0.5A
Circuit of Figure 2
LM2576-12
1212
LM2576HV-12
Typ
Limit
(Note 2)
12
11.76
12.24
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576
VOUT
Output Voltage
LM2576HV
0.5A ≤ ILOAD ≤ 3A,
15V ≤ VIN ≤ 40V
Circuit of Figure 2
0.5A ≤ ILOAD ≤ 3A,
15V ≤ VIN ≤ 60V
Circuit of Figure 2
12
12
11.52/11.40
12.48/12.60
11.52/11.40
12.54/12.66
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =15V, ILOAD =3A
88
%
Electrical Characteristics LM2576 -15, LM2576HV-15
-15
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS
(Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =25, ILOAD =0.5A
Circuit of Figure 2
LM2576-15
15LM
LM2576HV-15
Typ
Limit
(Note 2)
15
14.70
15.30
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576
VOUT
Output Voltage
LM2576HV
0.5A ≤ ILOAD ≤ 3A,
18≤ VIN ≤ 40V
Circuit of Figure 2
0.5A ≤ ILOAD ≤ 3A,
18 ≤ VIN ≤ 60V
Circuit of Figure 2
15
15
14.40/14.25
15.60/15.75
14.40/14.25
15.68/15.83
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =18V, ILOAD =3A
88
%
Electrical Characteristics LM2576-ADJ, LM2576HV-ADJ
AD
J
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS
(Note 3) Test Circuit Figure 2
VOUT
Feedback Voltage
VIN =12V, ILOAD =0.5A,
VOUT =5V
Circuit of Figure 2
LM2576-ADJ
A D
LM2576HV-ADJ
Typ
Limit
(Note 2)
1.230
1.217
1.243
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Feedback Voltage
LM2576
VOUT
Feedback Voltage
LM2576HV
0.5A ≤ ILOAD ≤ 3A , 8V ≤ VIN
40V VOUT =5V
Circuit of Figure 2
0.5A ≤ ILOAD ≤ 3A, 8V ≤ VIN
60V, VOUT =5V
Circuit of Figure 2
1.230
1.230
1.193/1.180
1.267/1.280
1.193/1.180
1.273/1.286
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =12V, ILOAD =3A, VOUT =5V
77
%
4
ELECTRONICS CO.,LTD
TIGER


Número de pieza similar - LM2576T-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2576T-15 NSC-LM2576T-15 Datasheet
491Kb / 11P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
LM2576T-15 NSC-LM2576T-15 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576T-15 ONSEMI-LM2576T-15 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
List of Unclassifed Man...
LM2576T-15 ETC1-LM2576T-15 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
Motorola, Inc
LM2576T-15 MOTOROLA-LM2576T-15 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
More results

Descripción similar - LM2576T-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
[Old version datasheet]   monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com