Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7487SF-E2 Datasheet(PDF) 10 Page - Rohm

No. de pieza BU7487SF-E2
Descripción Electrónicos  Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7487SF-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BU7487SF-E2 Datasheet HTML 6Page - Rohm BU7487SF-E2 Datasheet HTML 7Page - Rohm BU7487SF-E2 Datasheet HTML 8Page - Rohm BU7487SF-E2 Datasheet HTML 9Page - Rohm BU7487SF-E2 Datasheet HTML 10Page - Rohm BU7487SF-E2 Datasheet HTML 11Page - Rohm BU7487SF-E2 Datasheet HTML 12Page - Rohm BU7487SF-E2 Datasheet HTML 13Page - Rohm BU7487SF-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200380-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
10/39
12.JUL.2013 Rev.001
TSZ22111・15・001
BU7485G
BU7485SG
BU7486xxx
BU7486Sxxx
BU7487xx
BU7487Sxx
Typical Performance Curves - Continued
○BU7485G, BU7485SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7485G: -40
C to +85C BU7485SG: -40C to +105C
0
10
20
30
40
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
OUTPUT VOLTAGE [V]
-40
C
25
C
85
C
105
C
Figure 10.
Output Source Current – Output Voltage
(VDD=3V)
Figure 13.
Output Sink Current – Ambient Temperature
(OUT=VSS+0.4V)
0
5
10
15
20
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [°C]
3.0V
5.5V
4.0V
Figure 11.
Output Source Current – Ambient Temperature
(OUT=VDD-0.4V)
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE [V]
-40
C
25
C
85
C
105
C
Figure 12.
Output Sink Current – Output Voltage
(VDD=3V)
5.5V
3.0V
4.0V


Número de pieza similar - BU7487SF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7487SF-E2 ROHM-BU7487SF-E2 Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
More results

Descripción similar - BU7487SF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com