Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51367 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51367
Descripción Electrónicos  22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS51367 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51367 Datasheet HTML 1Page - Texas Instruments TPS51367 Datasheet HTML 2Page - Texas Instruments TPS51367 Datasheet HTML 3Page - Texas Instruments TPS51367 Datasheet HTML 4Page - Texas Instruments TPS51367 Datasheet HTML 5Page - Texas Instruments TPS51367 Datasheet HTML 6Page - Texas Instruments TPS51367 Datasheet HTML 7Page - Texas Instruments TPS51367 Datasheet HTML 8Page - Texas Instruments TPS51367 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS51367
SLUSBB7A – MARCH 2013 – REVISED JUNE 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1) (2)
MINIMUM
ORDERABLE DEVICE
TA
PACKAGE
PINS
TRANSPORT MEDIA
ORDER
NUMBER
QUANTITY
TPS51367RVET
Small tape-and-reel
250
Plastic Quad Flat Pack
–10°C to 85°C
28
(QFN)
TPS51367RVER
Large tape-and-reel
3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN
–0.3
30
36
BST
transient <10 ns
38
w/r/t SW
6
Input voltage range(2)
SW
30
V
EN, TRIP, NU, MODE, V5, LP#
-0.3
6
SLEW, VSNS, REFIN, REFIN2
–0.3
3.6
GSNS
–0.35
0.35
PGND
-0.3
0.3
PGOOD
–0.3
6
Output voltage range(2)
VREF
–0.3
3.6
V
NC
–5
36
Human body model (HBM) QSS 009-105 (JESD22-A114A)
2000
V
Electrostatic discharge
Charged device model (CDM) QSS 009-147 (JESD22-C101B.01)
500
Junction temperature range, TJ
–10
150
°C
Storage temperature range, Tstg
–55
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51367


Número de pieza similar - TPS51367

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
More results

Descripción similar - TPS51367

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362 TI1-TPS51362_17 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
TPS51363 TI-TPS51363 Datasheet
1Mb / 32P
[Old version datasheet]   22-V Input, 8-A or 10-A Converter With Integrated FET
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TPS61021 TI1-TPS61021 Datasheet
4Mb / 27P
[Old version datasheet]   3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61022 TI1-TPS61022 Datasheet
1Mb / 24P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
   Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com