Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM1117GRS-1.8V Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co. |
|
LM1117GRS-1.8V Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co. |
7 / 12 page 1A L.D.O VOLTAGE REGULATOR LM1117 Mar. 2013 Rev. 1.22 - 7 - HTC For 2.5V Output Voltage (TA=25℃, CO = 10uF unless otherwise specified) Symbol Parameters Condition Min. Typ. Max. Unit VO Output Voltage VIN = 4.0V, IO = 10mA 2.475 2.5 2.525 V VO Output Voltage VIN = 4.0V to 12V, IO = 0mA to 1A (TJ = 0 ~ 125℃) 2.450 2.550 V Δ VLINE Line Regulation IO = 0mA , VIN = 4.0V to 12V 0.1 0.2 % Δ VLOAD Load Regulation IO = 0mA to 1A, VIN = 4.5 V 0.2 0.4 % VIN Operating Input Voltage IO = 100mA 12 V ID Quiescent Current VIN - VO = 5V 5 10 mA IO Current Limit VIN - VO = 5V 1000 1250 1600 mA EN Output Noise(%VO) B = 10Hz to 10kHz, TJ = 25℃ 100 uV SVR Supply Voltage Rejection IO = 1A, f = 120Hz, VIN - VO = 3V, VRIPPLE = 1VPP 60 75 dB For 2.85V Output Voltage (TA=25℃, CO = 10uF unless otherwise specified) Symbol Parameters Condition Min. Typ. Max. Unit VO Output Voltage VIN = 4.4V, IO = 10mA 2.821 2.85 2.878 V VO Output Voltage VIN = 4.4V to 12V, IO = 0mA to 1A (TJ = 0 ~ 125℃) 2.793 2.907 V Δ VLINE Line Regulation IO = 0mA , VIN = 4.4 to 12V 0.1 0.2 % Δ VLOAD Load Regulation IO = 0mA to 1A, VIN = 4.85 V 0.2 0.4 % VIN Operating Input Voltage IO = 100mA 12 V ID Quiescent Current VIN - VO = 5V 5 10 mA IO Current Limit VIN - VO = 5V 1000 1250 1600 mA EN Output Noise(%VO) B = 10Hz to 10kHz, TJ = 25℃ 100 uV SVR Supply Voltage Rejection IO = 1A, f = 120Hz, VIN - VO = 3V, VRIPPLE = 1VPP 60 75 dB |
Número de pieza similar - LM1117GRS-1.8V |
|
Descripción similar - LM1117GRS-1.8V |