Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3A226AE Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS3A226AE
Descripción Electrónicos  Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS3A226AE Datasheet(HTML) 2 Page - Texas Instruments

  TS3A226AE Datasheet HTML 1Page - Texas Instruments TS3A226AE Datasheet HTML 2Page - Texas Instruments TS3A226AE Datasheet HTML 3Page - Texas Instruments TS3A226AE Datasheet HTML 4Page - Texas Instruments TS3A226AE Datasheet HTML 5Page - Texas Instruments TS3A226AE Datasheet HTML 6Page - Texas Instruments TS3A226AE Datasheet HTML 7Page - Texas Instruments TS3A226AE Datasheet HTML 8Page - Texas Instruments TS3A226AE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
C
B
A
1
2
3
A1
A2
A3
B1
B2
B3
C1
C2
C3
C
B
A
3
2
1
A3
A2
A1
B3
B2
B1
C3
C2
C1
TS3A226AE
SCDS346A – JUNE 2013 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE; YFF-WCSP
Top View/Footprint
Bump View
Die Size: 1.2mm ×1.2mm
Bump Size: 0.25mm
Bump Pitch: 0.4mm
TS3A226AE Pin Mapping (Top View)
3
2
1
C
GND
TIP
EN
B
SLEEVE
GNDA
MICp
A
RING2
GNDB
VDD
PIN FUNCTIONS
PIN
DESCRIPTION
NUMB
NAME
TYPE
ER
A1
VDD
Supply
Power supply for the chip.
A2
GNDB
Ground
FET2 ground reference.
A3
RING2
I/O
Connected to the RING2 segment of the jack. The pin will be routed automatically by TS3A226AE to
either MICp or GNDB depending on the type of accessory.
B1
MICp
I/O
Microphone signal connection to codec. Microphone bias should be fed into this pin.
B2
GNDA
Ground
FET1 ground reference.
B3
SLEEVE
I/O
Connected to the SLEEVE segment of the jack. The pin will be routed automatically by TS3A226AE to
either MICp or GNDA depending on the type of accessory.
C1
EN
Input
A rising edge triggers the detection sequence. This pin can be connected to the headset jack to allow
automatic pull-up to supply after headset insertion.
C2
TIP
I/O
Connected to the TIP segment of the headphone jack.
C3
GND
Ground
Chip ground reference.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3A226AE


Número de pieza similar - TS3A226AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A226AE TI1-TS3A226AE Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI1-TS3A226AEYFFR Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

Descripción similar - TS3A226AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226E TI1-TS3A226E Datasheet
284Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. A, 28-Aug-06
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
logo
ON Semiconductor
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
   Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com