Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576 Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

No. de pieza LM2576
Descripción Electrónicos  3A, 52kHz, Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576 Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM2576 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3A, 52kHz, Step-Down Switching Regulator
LM2576
Dec 2011 – Rev. 1.3
- 5
-
HTC
ABSOLUTE MAXIMUM RATINGS
(Absolute Maximum Ratings indicate limits beyond which damage to the device may occur)
Rating
Symbol
Value
UNIT
Maximum Supply Voltage
Vin
45
V
On/Off Pin Input Voltage
-
-0.3V ≤ V ≤ +Vin
V
Output Voltage to Ground (Steady-State)
-
-1.0
V
Power Dissipation
SOP8-PP 8Lead
Thermal Resistance, Junction to Ambient
Thermal Resistance, Junction to Case
PD
θJA
θJC
Internally Limited
Contact us
Contact us
W
/W
/W
TO-220 5Lead
PD
Internally Limited
W
Thermal Resistance, Junction to Ambient
θJA
65
/W
Thermal Resistance, Junction to Case
θJC
5
/W
TO-263 5Lead
PD
Internally Limited
W
Thermal Resistance, Junction to Ambient
θJA
70
/W
Thermal Resistance, Junction to Case
θJC
5
/W
Storage Temperature Range
TSTG
-60 to +150
Minimum ESD Rating(Human Body Model:
-
2.0
kV
C=100 pF, R=1.5kΩ
Lead Temperature (Soldering, 10seconds)
-
260
Maximum Junction Temperature
TJ
150
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be
functional, but do not guarantee specific performance limits. For guaranteed specifications, see the
Electrical Characteristics.)
Rating
Symbol
Value.
Unit
Operating Junction Temperature Range
TJ
-40 to +125
Supply Voltage
Vin
40
V


Número de pieza similar - LM2576

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM2576 TGS-LM2576 Datasheet
4Mb / 8P
   regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Texas Instruments
LM2576 TI1-LM2576 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

Descripción similar - LM2576

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
   3A Step-down Voltage Regulator Power Converter 52kHz
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com