Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM27151T-12 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co. |
|
LM27151T-12 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co. |
2 / 11 page 1.5A Very L.D.O Voltage Regulator LM27150/27151/27152 Dec. 2011 – Rev.1.3.1 - 2 - HTC Recommended Operating Ratings CHARACTERISTIC SYMBOL MIN. MAX. UNIT Operating Input Voltage VIN - + 26 V Junction Temperature TJ - 40 + 125 ℃ Ordering Information VOUT Package Order No. Description Supplied As Status 1.5 V TO-220 3L LM27150T-1.5 1.5A, Fixed Tube Contact us TO-220 5L LM27151T-1.5 1.5A, Fixed, Enable Tube Contact us TO-263 3L LM27150R-1.5 1.5A, Fixed Reel Contact us TO-263 5L LM27151R-1.5 1.5A, Fixed, Enable Reel Contact us TO-252 3L LM27150RS-1.5 1.5A, Fixed Reel Contact us TO-252 5L LM27151RS-1.5 1.5A, Fixed, Enable Reel Contact us 1.8 V TO-220 3L LM27150T-1.8 1.5A, Fixed Tube Contact us TO-220 5L LM27151T-1.8 1.5A, Fixed, Enable Tube Contact us TO-263 3L LM27150R-1.8 1.5A, Fixed Reel Contact us TO-263 5L LM27151R-1.8 1.5A, Fixed, Enable Reel Contact us TO-252 3L LM27150RS-1.8 1.5A, Fixed Reel Contact us TO-252 5L LM27151RS-1.8 1.5A, Fixed, Enable Reel Contact us 2.5 V TO-220 3L LM27150T-2.5 1.5A, Fixed Tube Contact us TO-220 5L LM27151T-2.5 1.5A, Fixed, Enable Tube Contact us TO-263 3L LM27150R-2.5 1.5A, Fixed Reel Contact us TO-263 5L LM27151R-2.5 1.5A, Fixed, Enable Reel Contact us TO-252 3L LM27150RS-2.5 1.5A, Fixed Reel Contact us TO-252 5L LM27151RS-2.5 1.5A, Fixed, Enable Reel Contact us 3.0 V TO-220 3L LM27150T-3.0 1.5A, Fixed Tube Contact us TO-220 5L LM27151T-3.0 1.5A, Fixed, Enable Tube Contact us TO-263 3L LM27150R-3.0 1.5A, Fixed Reel Contact us TO-263 5L LM27151R-3.0 1.5A, Fixed, Enable Reel Contact us TO-252 3L LM27150RS-3.0 1.5A, Fixed Reel Contact us TO-252 5L LM27151RS-3.0 1.5A, Fixed, Enable Reel Contact us 3.3 V TO-220 3L LM27150T-3.3 1.5A, Fixed Tube Contact us TO-220 5L LM27151T-3.3 1.5A, Fixed, Enable Tube Contact us TO-263 3L LM27150R-3.3 1.5A, Fixed Reel Contact us TO-263 5L LM27151R-3.3 1.5A, Fixed, Enable Reel Contact us TO-252 3L LM27150RS-3.3 1.5A, Fixed Reel Contact us TO-252 5L LM27151RS-3.3 1.5A, Fixed, Enable Reel Contact us |
Número de pieza similar - LM27151T-12 |
|
Descripción similar - LM27151T-12 |