Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA90JC5 Datasheet(PDF) 3 Page - Rohm |
|
BA90JC5 Datasheet(HTML) 3 Page - Rohm |
3 / 16 page 3/13 BAxxJC5 Series(Fixed) BA00JC5WT(Variable) Datasheet TSZ02201-0R6R0A600140-1-2 © 2012 ROHM Co., Ltd. All rights reserved. TSZ22111・15・001 www.rohm.com 14.Feb.2012 Rev.001 ●Absolute Maximum Ratings (Ta = 25℃) Parameter Symbol Ratings Unit Power supply voltage VCC 18*1 V Power dissipation TO220FP-3 Pd 2000*2 mW TO220FP-5 2000*2 Operating temperature range Topr −40 to +105 ℃ Ambient storage temperature Tstg −55 to +150 ℃ Maximum junction temperature Tjmax 150 ℃ *1 Must not exceed Pd *2 Derated at 16mW/℃ at Ta>25℃ ●Recommended Operating Ratings Parameter Symbol Ratings Unit Min. Max. Input power supply voltage VCC*3 3.0 16.0 V Input power supply voltage VCC*4 Vo + 1.0 16.0 V Output current Io - 1.5 A Variable output voltage setting value Vo 1.5 12 V *3 When output voltage is 1.5 V, 1.8 V, or 2.5 V. *4 When output voltage is 3.0 V or higher. ●Electrical Characteristics BAxxJC5T Unless otherwise specified, Ta=25℃, Vcc=3.3V(Vo=1.5V,1.8V,2.5V), Vcc=5.0V(Vo=3.0V,3.3V), Vcc=Vo+3.0V(Vo≧5.0V) Parameter Symbol Limit Unit Conditions Min Typ Max Bias Current Ib - 0.5 0.9 mA Io=0mA Output Voltage Vo Vo(T)× 0.99 Vo(T) Vo(T)× 1.01 V Io=200mA Dropout Voltage *5 ΔVd - 0.3 0.5 V Io=500mA, Vcc=Vo×0.95V Peak Output Current Io 1.5 - - A Ripple Rejection R.R. 44 55 - dB f=120Hz, ein*8=-20dBV Io=100mA, Vo≦6.3V 43 53 - f=120Hz, ein*8=-20dBV Io=100mA, Vo=8.0V 42 52 - f=120Hz, ein*8=-20dBV Io=100mA, Vo=9.0V 40 50 - f=120Hz, ein*8=-20dBV Io=100mA, Vo=12.0V Line Regulation *6 Reg.I - 5 60 mV Vcc=Vo+1.0V→16V, Io=200mA Load Regulation Reg.L - 5 60 mV Io=5mA→1.5A Temperature Coefficient of Output Voltage *7 Tcvo - ±0.02 - %/℃ Io=5mA,Tj=0 to 125℃ Output Short Current Ios - 0.7 - A Vcc=16V(Vo≦3.3V) - 0.8 - Vcc=16V(Vo≧5.0V) Vo(T): Output Voltage *5 Vo≧3.3V *6 Vcc=3.0V →16V(Vo=1.5V, 1.8V, 2.5V) *7 Not 100% tested *8 ein=Input Voltage Ripple |
Número de pieza similar - BA90JC5 |
|
Descripción similar - BA90JC5 |