Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL9V3040S3S Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza ISL9V3040S3S
Descripción Electrónicos  EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V3040S3S Datasheet(HTML) 7 Page - Fairchild Semiconductor

  ISL9V3040S3S Datasheet HTML 1Page - Fairchild Semiconductor ISL9V3040S3S Datasheet HTML 2Page - Fairchild Semiconductor ISL9V3040S3S Datasheet HTML 3Page - Fairchild Semiconductor ISL9V3040S3S Datasheet HTML 4Page - Fairchild Semiconductor ISL9V3040S3S Datasheet HTML 5Page - Fairchild Semiconductor ISL9V3040S3S Datasheet HTML 6Page - Fairchild Semiconductor ISL9V3040S3S Datasheet HTML 7Page - Fairchild Semiconductor ISL9V3040S3S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
ISL9V3040D3S / ISL9V3040S3S / ISL9V3040P3 / ISL9V3040S3 Rev. D2, April 2003
SPICE Thermal Model
REV 7 March 2002
ISL9V3040D3S / ISL9V3040S3S / ISL9V3040P3 /
ISL9V3040S3
CTHERM1 th 6 2.1e -3
CTHERM2 6 5 1.4e -1
CTHERM3 5 4 7.3e -3
CTHERM4 4 3 2.1e -1
CTHERM5 3 2 1.1e -1
CTHERM6 2 tl 6.2e +6
RTHERM1 th 6 1.2e -1
RTHERM2 6 5 1.9e -1
RTHERM3 5 4 2.2e -1
RTHERM4 4 3 6.0e -2
RTHERM5 3 2 5.8e -2
RTHERM6 2 tl 1.6e -3
SABER Thermal Model
SABER thermal model
ISL9V3040D3S / ISL9V3040S3S / ISL9V3040P3 /
ISL9V3040S3
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 2.1e -3
ctherm.ctherm2 6 5 = 1.4e -1
ctherm.ctherm3 5 4 = 7.3e -3
ctherm.ctherm4 4 3 = 2.2e -1
ctherm.ctherm5 3 2 =1.1e -1
ctherm.ctherm6 2 tl = 6.2e +6
rtherm.rtherm1 th 6 = 1.2e -1
rtherm.rtherm2 6 5 = 1.9e -1
rtherm.rtherm3 5 4 = 2.2e -1
rtherm.rtherm4 4 3 = 6.0e -2
rtherm.rtherm5 3 2 = 5.8e -2
rtherm.rtherm6 2 tl = 1.6e -3
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE


Número de pieza similar - ISL9V3040S3S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
ISL9V3040S3S FAIRCHILD-ISL9V3040S3S Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V3040S3ST FAIRCHILD-ISL9V3040S3ST Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
ISL9V3040S3ST-F085C ONSEMI-ISL9V3040S3ST-F085C Datasheet
3Mb / 9P
   EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
More results

Descripción similar - ISL9V3040S3S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S_04 Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS_12 Datasheet
590Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
FGD3040G2 FAIRCHILD-FGD3040G2 Datasheet
664Kb / 10P
   EcoSPARK짰2 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD3050G2 ONSEMI-FGD3050G2 Datasheet
758Kb / 7P
   EcoSPARKTM 2 300mJ, 500V, N-Channel Ignition IGBT
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com