Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-HL63-TX0DD Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-HL63-TX0DD
Descripción Electrónicos  5mm Mini Oval and Standard Oval AlInGaP LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HL63-TX0DD Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HL63-TX0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Part Numbering System
HLMP- x x 62/63 - x x x x x
Packaging Option
DD: Ammopacks
Color Bin Selection
0: Open distribution
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide.
Color
G: Red 626nm
H: Red Orange 615nm
L: Amber 590nm
Package
A: 5mm Mini Oval 30° x 70°
H: 5mm Standard Oval 40°x100°
Absolute Maximum Ratings
TA = 25°C
Parameter
Value
Unit
DC Forward Current [1]
50
mA
Peak Forward Current
100 [2]
mA
Power Dissipation
120
mW
Reverse Voltage
5 (IR = 100 μA)
V
LED Junction Temperature
130
°C
Operating Temperature Range
-40 to +100
°C
Storage Temperature Range
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty Factor 30%, frequency 1kHz.
Note: Please refer to AB 5337 for complete information on part numbering system.


Número de pieza similar - HLMP-HL63-TX0DD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HL70 AVAGO-HLMP-HL70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HL71 AVAGO-HLMP-HL71 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
More results

Descripción similar - HLMP-HL63-TX0DD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com