|
| KA248 |
|
||
|
FAIRCHILD |
|
2 page
KA248/KA348 2 Schematic Diagram (One Section Only) Absolute Maximum Ratings Parameter Symbol Value Unit Supply Voltage VCC ±18 V Differential Input Voltage VI(DIFF) 36 V Input Voltage VI ±18 V Output Short Circuit Duration - Continuous - Operating Temperature KA248 KA348 TOPR - 25 ~ +85 0~ +70 °C °C Storage Temperature TSTG - 65~ +150 °C |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LF444 | Quad Low Power JFET Input Operational Amplifier | 1 2 3 4 5 More | National Semiconductor |
| LM6588 | TFT-LCD Quad 16V RRIO High Output Current Operational Amplifier | 1 2 3 4 5 More | National Semiconductor |
| LP124 | Micropower Quad Operational Amplifier | 1 2 3 4 5 More | National Semiconductor |
| WSL324RZ | LOW POWER QUAD OPERATIONAL AMPLIFIER | 1 2 3 4 | List of Unclassifed Manufacturers |
| OP471 | High Speed Low Noise Quad Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| HA17301P | Quad Operational Amplifier | 1 2 3 4 5 More | Hitachi Semiconductor |
| OP490 | Low Voltage Micropower Quad Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| UPC324 | LOW POWER QUAD OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | NEC |
| MAX408 | Single/Dual/Quad High-Speed Fast-Settling High Output Current Operational Amplifier | 1 2 3 4 5 More | Maxim Integrated Products |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |