Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
W06M Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd |
|
W06M Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd |
2 / 2 page http://www.yeashin.com 2 REV.02 20130305 W005M THRU W10M DEVICE CHARACTERISTICS FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT NUMBER OF CYCLES AT 60Hz 1 5 10 50 100 2 20 0 10 20 30 50 Single Half-Sine-Wave (JEDEC METHOD) 40 FIG.1 - FORWARD CURRENT DERATING CURVE 40 60 100 120 1.0 0 20 0.5 1.5 160 AMBIENT TEMPERATURE , C SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 140 FIG.3 - TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE , VOLTS 10 100 100 10 1.0 TJ = 25 C, f= 1MHz 14 FIG.5 - TYPICAL REVERSE CHARACTERISTICS 20 40 120 140 0 0.01 0.1 100 10 60 80 100 TJ = 125 C TJ = 25 C 1.0 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) INSTANTANEOUS FORWARD VOLTAGE , VOLTS FIG.4 - TYPICAL FORWARD CHARACTERISTICS 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 0.01 1.8 1.6 TJ = 25 C PULSE WIDTH 300us 2% DUTY CYCLE |
Número de pieza similar - W06M |
|
Descripción similar - W06M |