Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA3403D Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza KA3403D
Descripción Electrónicos  Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3403D Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA3403D Datasheet HTML 1Page - Fairchild Semiconductor KA3403D Datasheet HTML 2Page - Fairchild Semiconductor KA3403D Datasheet HTML 3Page - Fairchild Semiconductor KA3403D Datasheet HTML 4Page - Fairchild Semiconductor KA3403D Datasheet HTML 5Page - Fairchild Semiconductor KA3403D Datasheet HTML 6Page - Fairchild Semiconductor KA3403D Datasheet HTML 7Page - Fairchild Semiconductor KA3403D Datasheet HTML 8Page - Fairchild Semiconductor KA3403D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Output voltage can swing to GND or negative supply
• Wide power supply range;
• Single supply of 3.0V to 36V
• Dual supply of
±1.5V to ±18V
• Electrical characteristics similar to the KA741
• Class AB output stage for minimal crossover distortion
• Short circuit protected output.
Description
The KA3303 series is a monolithic Quad operational
amplifier consisting of four independent amplifiers.
The
device has high gain, internally frequency, compensated
operational amplifiers designed to operate from a single
power supply or dual power supplies over a wide range of
voltages. The common mode input range includes the
negative supply, thereby eliminating the necessity for
external biasing components in many applications.
14-SOP
14-DIP
1
1
Internal Block Diagram
KA3303/KA3403
Quad Operational Amplifier


Número de pieza similar - KA3403D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA34063 FAIRCHILD-KA34063 Datasheet
42Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA34063 ONSEMI-KA34063 Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
logo
Fairchild Semiconductor
KA34063A FAIRCHILD-KA34063A Datasheet
42Kb / 6P
   SMPS Controller
KA34063A FAIRCHILD-KA34063A Datasheet
48Kb / 6P
   Operation From 3.0 to 40V Input
logo
ON Semiconductor
KA34063A ONSEMI-KA34063A Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
More results

Descripción similar - KA3403D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com