Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS40-AU_BX_10001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

No. de pieza BAS40-AU_BX_10001
Descripción Electrónicos  SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40-AU_BX_10001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS40-AU_BX_10001 Datasheet HTML 1Page - Pan Jit International Inc. BAS40-AU_BX_10001 Datasheet HTML 2Page - Pan Jit International Inc. BAS40-AU_BX_10001 Datasheet HTML 3Page - Pan Jit International Inc. BAS40-AU_BX_10001 Datasheet HTML 4Page - Pan Jit International Inc. BAS40-AU_BX_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
REV.0.1-FEB.5.2009
BAS40-AU SERIES
FIG.1-TYPICAL FORWARD CHARACTERISTIC
FIG.2-TYPICAL REVERSE CHARACTERISTICS
FIG.4FORWARD CURRENTDERATING
FIG.3 TYPICAL JUNCTION CAPACITANCE
0
200
300
400
100
50
100
150
200
FORWARD VOLTAGE, Volts
REVERSEVOLTAGE, Volts
REVERSEVOLTAGE, Volts
AMBIENTTEMPERATURE( C)
O
0
0.1
1.0
10
100
0.4
0.6
0.8
1.0
T =25 C
A
O
0
0
0.01
0.1
1.0
10
100
10
20
30
40
T =25 C
J
O
T =75 C
J
O
T =125 C
J
O
0
0
1.0
2.0
3.0
10
20
30
40
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS CURVE
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SN
O
I
T
I
D
N
O
C
T
S
E
T.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
U
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
)
R
B
(
I
R
0
1
=uA
0
4----V
t
n
e
rr
u
C
e
s
r
e
v
e
RI
R
V
R
5
2
=V
----0
.
1A
u
e
g
a
tl
o
V
d
r
a
w
r
o
FV
F
I
F
0
.
1
=mA
I
F
0
1
=mA
I
F
0
4
=mA
----
8
3
.
0
0
5
.
0
0
0
.
1
V
e
c
n
a
ti
c
a
p
a
C
l
a
t
o
TC
T
V
R
,
V
0
=f
H
M
0
.
1
=
Z
----0
.
5F
p


Número de pieza similar - BAS40-AU_BX_10001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAS40-AU PANJIT-BAS40-AU_16 Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAS40-AU_R1_000A1 PANJIT-BAS40-AU_R1_000A1 Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAS40-AU_R1_000A1 PANJIT-BAS40-AU_R1_000A1 Datasheet
212Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
December 14,2018-REV.04
BAS40-AU_R2_000A1 PANJIT-BAS40-AU_R2_000A1 Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAS40-AU PANJIT-BAS40-AU_V01 Datasheet
212Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
December 14,2018-REV.04
More results

Descripción similar - BAS40-AU_BX_10001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAS70-AU PANJIT-BAS70-AU Datasheet
274Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
BAS16-AU PANJIT-BAS16-AU Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56W-AU PANJIT-BAW56W-AU Datasheet
300Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56-AU PANJIT-BAW56-AU Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com