Nombre de pieza
         Descripción
KA3846

 SMPS Controller ( 10 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 2 page
background image
KA3846
2
Absolute Maximum Ratings
Electrical Characteristics
(VCC=15V, TA=0°C to +70°C, unless otherwise specified)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Collector Supply Voltage
VC
40
V
Output Current, Sink of Source (Peak)
IO
500
mA
Reference Output Current
IREF
30
mA
Soft Start Sink Current
ISINK(S.S)
50
mA
Sync Output Current
ISYNC
5mA
Error Amplifier Output Current
IO(E.A)
5mA
Oscillator Changing Current
ICHG(OSC)
5mA
Power Dissipation (TA = 25
°C)
PD
1000
mW
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Lead Temperature (Soldering, 10sec)
TLEAD
+300
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TJ = 25
°C, IREF = 1mA
5.00
5.10
5.20
V
Line Regulation
∆VREF
VCC = 8 to 40V
-
5
20
mV
Load Regulation
∆VREF
IREF1 to 10mA
-
3
15
mV
Temperature Stability(Note 6)
STT
-
-0.4
1.0
mV/
°C
Output Voltage Range (Note 6)
VREF
Line,Load,Temp
4.95
-
5.25
V
Short Circuit Output Current
ISC
VREF = 0V
-10
-45
-
mA
Output Noise Voltage(Note 6)
VNO
f = 10Hz to 10KHz, TJ = 25
°C
-
100
-
uV
Long-Term Stability(Note 6)
ST
TJ = 125
°C, 1KHz
2
5
8
mV
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L6565QUASI-RESONANT SMPS CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
KA3882SMPS CONTROLLER 1 2 3 4 5 Fairchild Semiconductor
KA7500BSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500CSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7515SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
TL494SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3525ASMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3842SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl