Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD10IC0WEFJ Datasheet(PDF) 11 Page - Rohm

No. de pieza BD10IC0WEFJ
Descripción Electrónicos  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD10IC0WEFJ Datasheet(HTML) 11 Page - Rohm

Back Button BD10IC0WEFJ Datasheet HTML 7Page - Rohm BD10IC0WEFJ Datasheet HTML 8Page - Rohm BD10IC0WEFJ Datasheet HTML 9Page - Rohm BD10IC0WEFJ Datasheet HTML 10Page - Rohm BD10IC0WEFJ Datasheet HTML 11Page - Rohm BD10IC0WEFJ Datasheet HTML 12Page - Rohm BD10IC0WEFJ Datasheet HTML 13Page - Rohm BD10IC0WEFJ Datasheet HTML 14Page - Rohm BD10IC0WEFJ Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/23
BDxxIC0WEFJ / BDxxIC0WHFV
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
Fig.23
OCP
(VCC=5V, VO=2.5V)
IO[A]
Fig.24
OCP
(VCC=5V, VO=1.8V)
IO[A]
Fig.25
OCP
(VCC=5V, VO=1.5 V)
IO[A]
Fig.26
OCP
(VCC=5V, VO=1.2 V)
IO[A]


Número de pieza similar - BD10IC0WEFJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD10IC0MEFJ-LB ROHM-BD10IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD10IC0MEFJ-LBH2 ROHM-BD10IC0MEFJ-LBH2 Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD10IC0MEFJ-ME2 ROHM-BD10IC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD10IC0VEFJ-ME2 ROHM-BD10IC0VEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Descripción similar - BD10IC0WEFJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com