Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2218A Datasheet(PDF) 1 Page - Comset Semiconductor

No. de pieza 2N2218A
Descripción Electrónicos  SWITCHING SILICON TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMSET [Comset Semiconductor]
Página de inicio  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2218A Datasheet(HTML) 1 Page - Comset Semiconductor

  2N2218A Datasheet HTML 1Page - Comset Semiconductor 2N2218A Datasheet HTML 2Page - Comset Semiconductor 2N2218A Datasheet HTML 3Page - Comset Semiconductor 2N2218A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN 2N2218 – 2N2218A
2N2219 – 2N2219A
1 | 4
S
SW
WIIT
TC
CH
HIIN
NG
G S
SIIL
LIIC
CO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The 2N2218-A and 2N2219-A are NPN transistors mounted in TO-39 metal case .
They are designed for high-speed switching applications and feature useful current gain over a
wide range of collector current, low leakage currents and low saturation voltages.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N2218
2N2219
2N2218
A
2N2219
A
VCEO
Collector-Emitter Voltage
30
40
V
VCBO
Collector-Base Voltage
60
75
V
VEBO
Emitter-Base Voltage
5
6
V
IC
Collector Current
800
mA
PD
Total Power Dissipation
Tamb = 25°
0.8
W
Tcase= 25°
3
TJ
Junction Temperature
175
°C
TStg
Storage Temperature range
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to ambient in free air
50
°C/W
RthJ-c
Thermal Resistance, Junction to case
187.5
°C/W


Número de pieza similar - 2N2218A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
2N2218A SIEMENS-2N2218A Datasheet
155Kb / 6P
   NPN Silicon Planar Transistors
logo
New Jersey Semi-Conduct...
2N2218A NJSEMI-2N2218A Datasheet
81Kb / 1P
   Small Signal Transistors
logo
Fairchild Semiconductor
2N2218A FAIRCHILD-2N2218A Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
Central Semiconductor C...
2N2218A CENTRAL-2N2218A Datasheet
692Kb / 3P
   SILICON NPN TRANSISTORS
logo
Boca Semiconductor Corp...
2N2218A BOCA-2N2218A Datasheet
56Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results

Descripción similar - 2N2218A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comset Semiconductor
2N2221 COMSET-2N2221 Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
   PNP Silicon Switching Transistors
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
PZT2907 SIEMENS-PZT2907 Datasheet
127Kb / 6P
   PNP Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com